Electronic Components Datasheet Search
  English  ▼

X  

LM201AV Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM201AV
Description  Non Compensated Single Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM201AV Datasheet(HTML) 5 Page - ON Semiconductor

  LM201AV Datasheet HTML 1Page - ON Semiconductor LM201AV Datasheet HTML 2Page - ON Semiconductor LM201AV Datasheet HTML 3Page - ON Semiconductor LM201AV Datasheet HTML 4Page - ON Semiconductor LM201AV Datasheet HTML 5Page - ON Semiconductor LM201AV Datasheet HTML 6Page - ON Semiconductor LM201AV Datasheet HTML 7Page - ON Semiconductor LM201AV Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
5
Figure 10. Voltage Follower Pulse Response
Figure 11. Open Loop Frequency Response
Figure 12. Large Signal Frequency Response
Figure 13. Inverter Pulse Response
Figure 14. Single−Pole Compensation
Figure 15. Feedforward Compensation
t, TIME (
ms)
t, TIME (
ms)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
10
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
−10
0
1020
304050
607080
90
140
120
100
80
60
40
20
0
−20
10
100
1.0 k
10 k
100 k
1.0 M 10 M 100 M
10
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
−10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0 M
10 M
100 k
0
18
16
12
8.0
4.0
225
180
135
90
45
0
Balance
1
4
VEE
R2
R1
R3
2
3
7
6
8
C1
VCC
VO
−VI
+VI
Frequency
Compensation
C2
R2
R1
VI
R3
C1
150 pF
Balance
VEE
VO
2
3
6
7
4
1
C2 =
1
2
πfoR2
fo = 3.0 MHz
+
+
C1
≥
R1 Cs
R1 +R2
Cs = 30 pF
VCC
Single−Pole Compensation
Output
Input
Feedforward
Compensation
0
Output
Input
Feedforward
Compensation
Phase
Gain
Feedforward
Compensation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com