Electronic Components Datasheet Search
  English  ▼

X  

LM201AV Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM201AV
Description  Non Compensated Single Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM201AV Datasheet(HTML) 4 Page - ON Semiconductor

  LM201AV Datasheet HTML 1Page - ON Semiconductor LM201AV Datasheet HTML 2Page - ON Semiconductor LM201AV Datasheet HTML 3Page - ON Semiconductor LM201AV Datasheet HTML 4Page - ON Semiconductor LM201AV Datasheet HTML 5Page - ON Semiconductor LM201AV Datasheet HTML 6Page - ON Semiconductor LM201AV Datasheet HTML 7Page - ON Semiconductor LM201AV Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
4
C1 = 3.0 pF
C1 = 30 pF
Single−Pole Compensation
Figure 4. Minimum Input Voltage Range
Figure 5. Minimum Output Voltage Swing
Figure 6. Minimum Voltage Gain
Figure 7. Typical Supply Currents
Figure 8. Open Loop Frequency Response
Figure 9. Large Signal Frequency Response
VCC, ( −VEE), SUPPLY VOLTAGE (V)
VCC, ( −VEE), SUPPLY VOLTAGE (V)
VCC, ( −VEE), SUPPLY VOLTAGE (V)
VCC, ( −VEE), SUPPLY VOLTAGE (V)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
Phase
Gain
C1 = 3.0 pF
C1 = 30 pF
20
16
12
8.0
4.0
0
0
5.0
10
15
20
20
16
12
8.0
4.0
0
0
5.0
10
15
20
0
5.0
10
15
20
0
5.0
10
15
20
100
94
88
82
76
70
2.5
2.0
1.5
1.0
0.5
0
1.0 k
10 k
100 k
1.0 M
10 M
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
315
270
225
180
135
90
45
0
180
160
140
120
100
80
60
40
20
0
−20
15
10
5.0
0
Minimum
RL = 10 k
Minimum
RL = 2.0 k
TA = +25°C
Single−Pole Compensation
Negative
Positive
Applicable to the Specified
Operating Temperature
Ranges
Applicable to the Specified
Operating Temperature
Ranges
Applicable to the Specified
Operating Temperature
Ranges
LM201A
only
LM201A
only
LM201A
only
LM201A
only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com