Electronic Components Datasheet Search
  English  ▼

X  

MAC9D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC9D
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC9D Datasheet(HTML) 1 Page - ON Semiconductor

  MAC9D Datasheet HTML 1Page - ON Semiconductor MAC9D Datasheet HTML 2Page - ON Semiconductor MAC9D Datasheet HTML 3Page - ON Semiconductor MAC9D Datasheet HTML 4Page - ON Semiconductor MAC9D Datasheet HTML 5Page - ON Semiconductor MAC9D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 3
1
Publication Order Number:
MAC9/D
MAC9D, MAC9M, MAC9N
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed for high performance full-wave ac control applications
where high noise immunity and high commutating di/dt are required.
Features
• Blocking Voltage to 800 Volts
• On-State Current Rating of 8.0 Amperes RMS at 100°C
• Uniform Gate Trigger Currents in Three Quadrants
• High Immunity to dv/dt − 500 V/ms minimum at 125°C
• Minimizes Snubber Networks for Protection
• Industry Standard TO-220AB Package
• High Commutating di/dt − 6.5 A/ms minimum at 125°C
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
MAC9D
MAC9M
MAC9N
VDRM,
VRRM
400
600
800
V
On-State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 100°C)
IT(RMS)
8.0
A
Peak Non-Repetitive Surge Current
(One Full Cycle Sine Wave, 60 Hz,
TJ = 125°C)
ITSM
80
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
26
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 ms, TC = 80°C)
PGM
16
W
Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.35
W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
8 AMPERES RMS
400 thru 800 VOLTS
TO−220AB
CASE 221A−09
STYLE 4
1
http://onsemi.com
MAC9xG
AYWW
MARKING
DIAGRAM
x
= D, M, or N
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
2
3
Device
Package
Shipping
ORDERING INFORMATION
MAC9D
TO−220AB
50 Units / Rail
MAC9N
TO−220AB
50 Units / Rail
MAC9DG
TO−220AB
(Pb−Free)
50 Units / Rail
MAC9NG
TO−220AB
(Pb−Free)
50 Units / Rail
Preferred devices are recommended choices for future use
and best overall value.
MAC9M
TO−220AB
50 Units / Rail
MAC9MG
TO−220AB
(Pb−Free)
50 Units / Rail
MT1
G
MT2
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2


Similar Part No. - MAC9D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
MAC9D ONSEMI-MAC9D Datasheet
104Kb / 8P
Triacs (Silicon Bidirectional Thyristors)
February, 2000 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
Triacs Silicon Bidirectional Thyristors
logo
Inchange Semiconductor ...
MAC9D ISC-MAC9D Datasheet
284Kb / 3P
isc Triacs
More results

Similar Description - MAC9D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4M ONSEMI-MAC4M Datasheet
115Kb / 8P
TRIACS, Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA08-600CW3G ONSEMI-BTA08-600CW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com