Electronic Components Datasheet Search
  English  ▼

X  

MAC9D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC9D
Description  Triacs Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC9D Datasheet(HTML) 4 Page - ON Semiconductor

  MAC9D Datasheet HTML 1Page - ON Semiconductor MAC9D Datasheet HTML 2Page - ON Semiconductor MAC9D Datasheet HTML 3Page - ON Semiconductor MAC9D Datasheet HTML 4Page - ON Semiconductor MAC9D Datasheet HTML 5Page - ON Semiconductor MAC9D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAC9D, MAC9M, MAC9N
http://onsemi.com
4
Figure 1. RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMP)
125
120
115
110
105
100
8
7
6
5
4
3
2
1
0
Figure 2. On-State Power Dissipation
IT(RMS), ON-STATE CURRENT (AMP)
8
7
6
5
4
3
2
1
0
12
10
8
6
4
2
0
α = 120, 90, 60, 30°
α = 180°
α = 30°
DC
DC
180°
120°
90°
60°
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
100
0
0.5
1
1.5
2
2.5
3
4
5
10
1
0.1
MAXIMUM @ TJ = 125°C
TYPICAL AT
TJ = 25°C
MAXIMUM @ TJ = 25°C
t, TIME (ms)
1
0.1
0.01
1·10 4
1000
100
10
1
0.1
3.5
4.5
TJ, JUNCTION TEMPERATURE (°C)
−50
40
5
−10
30
50
70
110
130
10
90
−30
10
15
20
25
30
35
Figure 3. On-State Characteristics
Figure 4. Thermal Response
Figure 5. Holding Current Variation
MT2 POSITIVE
MT2 NEGATIVE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com