Electronic Components Datasheet Search
  English  ▼

X  

MAX4582ASE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4582ASE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582ASE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4582ASE Datasheet HTML 1Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 2Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 3Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 4Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 5Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 6Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 7Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 8Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(VCC = 4.5V to 5.5V, VEE = 0V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
MIN
TYP
MAX
(Note 2)
UNITS
C, E, A
200
90
150
VCC = 4.5V; IX, IY, IZ = 1mA;
VX, VY, VZ = 3.5V
C, E, A
Ω
TEMP
SYMBOL
TA = +25°C
RON
VEE
VCC
PARAMETER
Switch On-Resistance
-1
+1
V
VCC = 5.5V; VX_, VY_, VZ_ = 1V, 4.5V;
VX, VY, VZ = 4.5V, 1V
nA
TA = +25°C
IX_(OFF),
IY_(OFF),
IZ_(OFF)
VX_, VY_, VZ_,
VX, VY, VZ
Analog-Signal Range
X_, Y_, Z Off-Leakage
(Note 5)
-2
+2
28
VCC = 5.5V;
VX_, VY_, VZ_ = 1V, 4.5V;
VX, VY, VZ = 4.5V, 1V
MAX4581
nA
IX(OFF),
IY(OFF),
IZ(OFF)
X, Y, Z Off-Leakage
(Note 5)
VCC = 4.5V; IX, IY, IZ = 1mA;
VX, VY, VZ = 3.5V
Ω
TA = +25°C
TA = +25°C
∆RON
Switch On-Resistance
Match Between
Channels (Note 3)
10
C, E, A
-100
+100
C, E, A
C, E, A
-10
+10
-1
+1
TA = +25°C
-50
+50
C, E, A
-1
+1
TA = +25°C
-50
+50
C, E, A
-2
+2
VCC = 5.5V;
VX, VY, VZ = 4.5V, 1V
MAX4581
nA
IX(ON),
IY(ON),
IZ(ON)
X, Y, Z On-Leakage
(Note 5)
TA = +25°C
-100
+100
C, E, A
-1
+1
VAL, VBL, VCL, VEnableL = 0.8V
µA
IAL, IBL, ICL,
IENABLEL
Input-Current Low
C, E, A
0.8
1.5
V
VAL, VBL, VCL,
VENABLEL
Logic Input Logic
Threshold Low
C, E, A
1.5
2.4
V
VAH, VBH, VCH,
VENABLEH
Logic Input Logic
Threshold High
C, E, A
-1
+1
VAL, VBL, VCL, VEnableL = 2.4V
µA
IAH, IBH, ICH,
IENABLEH
Input-Current High
C, E, A
100
200
VX_, VY_, VZ_ = 3V, RL = 300
Ω, CL = 35pF,
Figure 3
ns
t(ON)
Enable Turn-On Time
TA = +25°C
250
C, E, A
10
30
VX_, VY_, VZ_ = 3V, RL = 300
Ω, CL = 35pF,
Figure 4
ns
tBBM
Break-Before-Make
Time
TA = +25°C
0.8
5
C = 1nF, RS = 0
Ω, VS = 2.5V
pC
Q
Charge Injection (Note 6)
TA = +25°C
40
100
VX_, VY_, VZ_ = 3V, RL = 300
Ω, CL = 35pF,
Figure 3
ns
t(OFF)
Enable Turn-Off Time
TA = +25°C
150
C, E, A
80
200
VX_, VY_, VZ_ = 3V/0V, RL = 300
Ω,
CL = 35pF, Figure 2
ns
tTRANS
Address Transition
Time
TA = +25°C
250
C, E, A
Power-Supply Range
VCC, VEE
V
212
C, E, A
Power-Supply Current
ICC, IEE
µA
-1
+1
TA = +25°C
VCC = 3.6V;
VA, VB, VC, VEnable = V+ or 0
-10
+10
C, E, A
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
MAX4582
MAX4583
MAX4582
MAX4583
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com