Electronic Components Datasheet Search
  English  ▼

X  

MAX4582ASE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4582ASE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582ASE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4582ASE Datasheet HTML 2Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 3Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 4Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 5Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 6Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 7Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 8Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 9Page - Maxim Integrated Products MAX4582ASE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
6
_______________________________________________________________________________________
1000
10
-5
0
123
4
-4
-3
-2
-1
5
ON-RESISTANCE vs. VX, VY, VZ
(DUAL SUPPLIES)
VX, VY, VZ (V)
100
VCC = 2.7V,
VEE = -2.7V
VCC = 2V,
VEE = -2V
VCC = 5V,
VEE = -5V
VCC = 3.3V,
VEE = -3.3V
VCC = 1.2V,
VEE = -1.2V
5
35
25
15
45
55
65
-5
-1
-2
-4
-3
012345
ON-RESISTANCE
vs. VX, VY, VZ AND TEMPERATURE
(DUAL SUPPLIES)
VX, VY, VZ (V)
TA = -40
°C
TA = +25
°C
TA = 0
°C
TA = +70
°C
TA = +85
°C
10,000
10
010
23
4567
89
1
ON-RESISTANCE vs. VX, VY, VZ
(SINGLE SUPPLY)
100
1000
VX, VY, VZ (V)
VCC = 10V
VCC = 7.5V
VCC = 5V
VCC = 3.3V
VCC = 2.7V
VCC = 2V
VCC = 1.2V
10
70
50
30
90
110
130
02.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE
vs. VX, VY, VZ AND TEMPERATURE
(SINGLE SUPPLY)
VX, VY, VZ (V)
TA = +85
°C
TA = +70
°C
TA = +25
°C
TA = -40
°C
TA = 0
°C
0.01
OFF-LEAKAGE
vs. TEMPERATURE
100
TEMPERATURE (
°C)
1
0.1
10
-50
125
25
-25
0
75
50
100
VCC = 5.5V
VEE = -5.5V
IX, IY, IZ
IX_, IY_, IZ_
1
ON-LEAKAGE
vs. TEMPERATURE
10,000
100,000
TEMPERATURE (
°C)
100
10
1000
-50
125
25
-25
0
75
50
100
VCC = 5.5V
VEE = -5.5V
-2.5
-1.5
-2.0
-1.0
0.5
1.0
0
-0.5
1.5
-5
-3
-2
-1
0
-4
12345
CHARGE INJECTION vs. VX, VY, VZ
VX, VY, VZ (V)
VCC = 5V
VEE = -5V
VCC = 5V
VEE = 0V
Typical Operating Characteristics
(VCC = 5V, VEE = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com