Electronic Components Datasheet Search
  English  ▼

X  

FSL4110LR Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSL4110LR
Description  1000 V SenseFET Integrated Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL4110LR Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSL4110LR Datasheet HTML 3Page - ON Semiconductor FSL4110LR Datasheet HTML 4Page - ON Semiconductor FSL4110LR Datasheet HTML 5Page - ON Semiconductor FSL4110LR Datasheet HTML 6Page - ON Semiconductor FSL4110LR Datasheet HTML 7Page - ON Semiconductor FSL4110LR Datasheet HTML 8Page - ON Semiconductor FSL4110LR Datasheet HTML 9Page - ON Semiconductor FSL4110LR Datasheet HTML 10Page - ON Semiconductor FSL4110LR Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FSL4110LR
www.onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
(Characteristic graphs are normalized at TA = 25°C.)
0.85
0.9
0.95
1
1.05
1.1
1.15
Operating Supply Current (IOP)
0.85
0.9
0.95
1
1.05
1.1
1.15
Operating Switching Current (IOPS)
0.85
0.9
0.95
1
1.05
1.1
1.15
Startup Charging Current (ICH)
0.85
0.9
0.95
1
1.05
1.1
1.15
Peak Drain Current Limit (ILIM)
0.85
0.9
0.95
1
1.05
1.1
1.15
Feedback Source Current (IFB)
0.85
0.9
0.95
1
1.05
1.1
1.15
Startup Charging Current (VHVREG)
−40
°C −25°C 0°C25°C50°C85°C 100°C 125°C
−40
°C −25°C0°C25°C50°C85°C 100°C 125°C
−40
°C −25°C0°C25°C50°C85°C 100°C 125°C
−40
°C −25°C0°C25°C50°C85°C 100°C 125°C
−40
°C −25°C0°C25°C50°C85°C 100°C 125°C
−40
°C −25°C0°C25°C50°C85°C 100°C 125°C
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Temperature (
°C)
Figure 5. Operating Supply Current (IOP) vs. TA
Figure 6. Operating Switching Current (IOPS) vs. TA
Figure 7. Startup Charging Current (ICH) vs. TA
Figure 8. Peak Drain Current Limit (ILIM) vs. TA
Figure 9. Feedback Source Current (IFB) vs. TA
Figure 10. HV Regulator Voltage (VHVREG) vs. TA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com