Electronic Components Datasheet Search
  English  ▼

X  

FSL4110LR Datasheet(PDF) 12 Page - ON Semiconductor

Part # FSL4110LR
Description  1000 V SenseFET Integrated Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSL4110LR Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FSL4110LR Datasheet HTML 8Page - ON Semiconductor FSL4110LR Datasheet HTML 9Page - ON Semiconductor FSL4110LR Datasheet HTML 10Page - ON Semiconductor FSL4110LR Datasheet HTML 11Page - ON Semiconductor FSL4110LR Datasheet HTML 12Page - ON Semiconductor FSL4110LR Datasheet HTML 13Page - ON Semiconductor FSL4110LR Datasheet HTML 14Page - ON Semiconductor FSL4110LR Datasheet HTML 15Page - ON Semiconductor FSL4110LR Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
FSL4110LR
www.onsemi.com
12
Figure 27. Frequency Fluctuation Waveforms
tS
Dt
IDS
t
t
fSW
fS + 1/2DfS
MAX
fS − 1/2DfS
MAX
no repetition
several
mseconds
several
miliseconds
tS = 1/fS
Soft−Start
The internal soft−start circuit slowly increases the
SenseFET current after it starts. The typical soft−start time is
20 ms, as shown in Figure 28, where progressive increments
of the SenseFET current are allowed during startup. The pulse
width to the power switching device is progressively
increased to establish the correct working conditions for
transformers, inductors, and capacitors. The voltage on the
output capacitors is gradually increased to smoothly establish
the required output voltage. Soft−start also helps to prevent
transformer saturation and reduces stress on the secondary
diode.
Figure 28. Internal Soft−Start
2.5 ms
8−Steps
Soft start envelope
ILIM
t
Drain Current
Burst Mode Operation
To minimize power dissipation in standby mode, the
FSL4110LR enters burst mode. As the load decreases, the
feedback voltage decreases. The device automatically enters
burst mode when the feedback voltage drops below VBURL
(400 mV), as shown in Figure 29. At this point, switching
stops and the output voltages start to drop at a rate dependent
on standby current load. This causes the feedback voltage to
rise. Once it passes VBURH (500 mV), switching resumes.
Feedback voltage then falls and the process repeats. Burst
Mode alternately enables and disables switching of the
SenseFET, reducing switching loss in standby mode.
Additionally to reduce the audible noise soft−burst is
implemented.
Figure 29. Burst Mode Operation
VFB
VDS
0.4 V
0.5 V
IDS
VO
t
Switching
disabled
Switching
disabled
t
t
t
Line Compensation
All of switching devices have their own inherent
propagation delays. This propagation delay will cause a
current limit delay defined as tCLD. Because there is a current
limit delay, tCLD, there is a difference in the current peak
between low and high input voltage. The variance in the
current peak is related to the difference between the input
voltages, a wider gap in input voltage will result in a greater
variance of the current peak.
In order to have a constant current peak regardless of the
input voltage, line compensation is required. FSL4110LR has
line compensation, so the real peak value of high input
voltage is similar to that of low input voltage. tCLD effect
could be neglected as showed Figure 30.
Figure 30. ILIMIT Waveforms (85 VAC vs. 460 VAC)
IDRAIN(460 VAC): 100 mA/div
500 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com