Electronic Components Datasheet Search
  English  ▼

X  

TMUX8211 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8211 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMUX8211 Datasheet HTML 34Page - Texas Instruments TMUX8211 Datasheet HTML 35Page - Texas Instruments TMUX8211 Datasheet HTML 36Page - Texas Instruments TMUX8211 Datasheet HTML 37Page - Texas Instruments TMUX8211 Datasheet HTML 38Page - Texas Instruments TMUX8211 Datasheet HTML 39Page - Texas Instruments TMUX8211 Datasheet HTML 40Page - Texas Instruments TMUX8211 Datasheet HTML 41Page - Texas Instruments TMUX8211 Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
16X (0.6)
16X (0.3)
12X (0.65)
(3.8)
(3.8)
(0.65) TYP
(0.65) TYP
4X (
1.1)
(R0.05) TYP
WQFN - 0.8 mm max height
RUM0016E
PLASTIC QUAD FLATPACK - NO LEAD
4224815/A 02/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
EXPOSED PAD 17
77% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
1
4
5
8
9
12
13
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com