Electronic Components Datasheet Search
  English  ▼

X  

TMUX8211 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8211 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX8211 Datasheet HTML 4Page - Texas Instruments TMUX8211 Datasheet HTML 5Page - Texas Instruments TMUX8211 Datasheet HTML 6Page - Texas Instruments TMUX8211 Datasheet HTML 7Page - Texas Instruments TMUX8211 Datasheet HTML 8Page - Texas Instruments TMUX8211 Datasheet HTML 9Page - Texas Instruments TMUX8211 Datasheet HTML 10Page - Texas Instruments TMUX8211 Datasheet HTML 11Page - Texas Instruments TMUX8211 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
7.9 Electrical Characteristics (±36-V Dual Supply)
VDD = +36 V ± 10%, VSS = –36 V ± 10%, GND = 0 V (unless otherwise noted)
Typical at TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = –25 V to +25 V
ID = –10 mA
25°C
5
7
Ω
–40°C to +85°C
8
–40°C to +125°C
10
ΔRON
On-resistance mismatch between
channels
VS = –25 V to +25 V
ID = –10 mA
25°C
0.1
0.3
Ω
–40°C to +85°C
0.4
–40°C to +125°C
0.5
RON FLAT On-resistance flatness
VS = –25 V to +25 V
ID = –10 mA
25°C
0.12
Ω
RON DRIFT On-resistance drift
VS = 0 V, IS = –10 mA
–40°C to +125°C
0.03
Ω/°C
IS(OFF)
Source off leakage current(1)
VDD = 39.6 V, VSS = –39.6 V
Switch state is off
VS = +25 V / –25 V
VD = –25 V / +25 V
25°C
0.01
nA
–40°C to +85°C
–4
4
–40°C to +125°C
–40
40
ID(OFF)
Drain off leakage current(1)
VDD = 39.6 V, VSS = –39.6 V
Switch state is off
VS = +25 V / –25 V
VD = –25 V / +25 V
25°C
0.01
nA
–40°C to +85°C
–4
4
–40°C to +125°C
–40
40
IS(ON)
ID(ON)
Channel on leakage current(2)
VDD = 39.6 V, VSS = –39.6 V
Switch state is on
VS = VD = ±25 V
25°C
0.01
nA
–40°C to +85°C
–1
1
–40°C to +125°C
–2
2
ΔIS(ON)
ΔID(ON)
Leakage current mismatch
between channels(2)
VDD = 39.6 V, VSS = –39.6 V
Switch state is on
VS = VD = ±25 V
25°C
5
pA
85°C
35
125°C
120
(1)
When VS is positive,VD is negative. And when VS is negative, VD is positive.
(2)
When VS is at a voltage potential, VD is floating. And when VD is at a voltage potential, VS is floating.
TMUX8211, TMUX8212, TMUX8213
SCDS434B – OCTOBER 2021 – REVISED MARCH 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8211 TMUX8212 TMUX8213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com