Electronic Components Datasheet Search
  English  ▼

X  

ZSSC1750 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC1750 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button ZSSC1750 Datasheet HTML 77Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 78Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 79Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 80Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 81Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 82Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 83Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 84Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 117 page
background image
ZSSC1750 / ZSSC1751 Datasheet
© 2016 Integrated Device Technology, Inc.
81
April 20, 2016
The voltage accumulator is reset to 0 under these conditions:
• On assertion of startAdcV (rising edge) in the FP State
• At start of the first conversion in the LP or ULP State
• Each time the result counter is reset (if the result counter is enabled)
Note: The voltage accumulator functionality can be used to calculate the mean value of the voltage.
After the last accumulation within an MRCS, the upper 16 bits of the voltage accumulator are compared to the
voltage threshold adcVTh, which is interpreted as a signed value in this case. This comparison can be used to
generate a “set interrupt” strobe for irqStat[9]; however, to enable the generation of the “set interrupt” strobe,
bit VThWuEna in register adcAcmp must be set to 1.
The “set interrupt” strobe is generated when
• adcVTh is greater than 0 and adcVaccu is less than or equal to adcVTh
• adcVTh is lower than 0 and adcVaccu is greater than or equal to adcVTh
• adcVTh is equal to 0 and adcVaccu is equal to 0
Important: The threshold adcVTh is either interpreted as an unsigned or signed value depending on the
operation mode (VThSel).
Note: The voltage comparators compare only on the MSBs of the conversion result, so it might be beneficial to
use the post-correction gain functionality to shift left the results to increase the accuracy of the comparison.
3.8.3.19
Register “adcVTh” – Voltage Threshold Value
Table 3.46 Register adcVTh
Name
Address
Bits
Default
Access
Description
adcVTh[7:0]
46HEX
[7:0]
00HEX
RW
Voltage threshold.
If VThSel == 0, then adcVTh is interpreted as an
unsigned value and it is compared to the absolute
value of a single voltage conversion.
If VThSel == 1, then adcVTh is interpreted as a
signed value and it is compared to the accumu-
lated voltage conversion results at the end of an
MRCS.
adcVTh[15:8]
47HEX
[7:0]
00HEX
RW
3.8.3.20
Register “adcVaccu” – Voltage Accumulator Value
Table 3.47 Register adcVaccu
Name
Address
Bits
Default
Access
Description
adcVaccu[7:0]
10HEX
[7:0]
00HEX
RO
Present voltage accumulator value
adcVaccu[15:8]
11HEX
[7:0]
00HEX
RO
adcVaccu[23:16]
12HEX
[7:0]
00HEX
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com