Electronic Components Datasheet Search
  English  ▼

X  

ZSSC1750 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # ZSSC1750
Description  Data Acquisition System Basis Chip
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC1750 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button ZSSC1750 Datasheet HTML 78Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 79Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 80Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 81Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 82Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 83Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 84Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 85Page - Renesas Technology Corp ZSSC1750 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 117 page
background image
ZSSC1750 / ZSSC1751 Datasheet
© 2016 Integrated Device Technology, Inc.
82
April 20, 2016
3.8.3.21
Minimum and Maximum Values of Current and Voltage
For current and voltage measurements, the minimum and maximum values are determined on the upper 16 bits
of the corresponding conversion results. These values can be read from registers adcCmax, adcCmin,
adcVmax,
and adcVmin. These registers are reset in the same manner as the corresponding accumulator
registers. These values are only provided for statistical reasons and can be used to assess the accumulated
current or voltage values when used for mean value calculation.
Note: As the minimum and maximum values are only determined on the 16 MSBs of the corresponding con-
version results, it might be beneficial to use the post correction gain functionality to shift left the results to
increase the accuracy of the comparison.
3.8.3.22
Register “adcCmax” – Maximum Current Value
Table 3.48 Register adcCmax
Name
Address
Bits
Default
Access
Description
adcCmax[7:0]
13HEX
[7:0]
00HEX
RO
Upper 16 bits of the maximum measured current
value (signed value)
adcCmax[15:8]
14HEX
[7:0]
80HEX
RO
3.8.3.23
Register “adcCmin” – Minimum Current Value
Table 3.49 Register adcCmin
Name
Address
Bits
Default
Access
Description
adcCmin[7:0]
15HEX
[7:0]
FFHEX
RO
Upper 16 bits of the minimum measured current
value (signed value)
adcCmin[15:8]
16HEX
[7:0]
7FHEX
RO
3.8.3.24
Register “adcVmax” – Maximum Voltage Value
Table 3.50 Register adcVmax
Name
Address
Bits
Default
Access
Description
adcVmax[7:0]
17HEX
[7:0]
00HEX
RO
Upper 16 bits of the maximum measured voltage
value (signed value)
adcVmax[15:8]
18HEX
[7:0]
80HEX
RO
3.8.3.25
Register “adcVmin” – Minimum Voltage Value
Table 3.51 Register adcVmin
Name
Address
Bits
Default
Access
Description
adcVmin[7:0]
19HEX
[7:0]
FFHEX
RO
Upper 16 bits of the minimum measured voltage
value (signed value)
adcVmin[15:8]
1AHEX
[7:0]
7FHEX
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com