Electronic Components Datasheet Search
  English  ▼

X  

MBR360 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR360
Description  Axial Lead Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR360 Datasheet(HTML) 1 Page - ON Semiconductor

  MBR360 Datasheet HTML 1Page - ON Semiconductor MBR360 Datasheet HTML 2Page - ON Semiconductor MBR360 Datasheet HTML 3Page - ON Semiconductor MBR360 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 6
1
Publication Order Number:
MBR350/D
MBR350, MBR360
MBR360 is a Preferred Device
Axial Lead Rectifiers
These devices employ the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
epitaxial construction with oxide passivation and metal overlap
contact. Ideally suited for use as rectifiers in low−voltage,
high−frequency inverters, free wheeling diodes, and polarity
protection diodes.
Features
• Extremely Low vF
• Low Power Loss/High Efficiency
• Highly Stable Oxide Passivated Junction
• Low Stored Charge, Majority Carrier Conduction
• Pb−Free Packages are Available*
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.1 Gram (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Polarity: Cathode indicated by Polarity Band
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MBR350
MBR360
VRRM
VRWM
VR
50
60
V
Average Rectified Forward Current TA = 65°C
(RqJA = 28°C/W, P.C. Board Mounting)
IO
3.0
A
Non−Repetitive Peak Surge Current (Note 1)
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz, TL = 75°C)
IFSM
80
A
Operating and Storage Junction Temperature
Range (Reverse Voltage Applied)
TJ, Tstg
−65 to
+150
°C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction−to−Ambient
(see Note 4 − Mounting Data, Mounting Method 3)
RqJA
28
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Lead Temperature reference is cathode lead 1/32 in from case.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
AXIAL LEAD
CASE 267−05
(DO−201AD)
STYLE 1
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES
50, 60 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
A
MBR
3x0
G
G
A
= Assembly Location
x
= 5 or 6
G
= Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBR360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR360 MOTOROLA-MBR360 Datasheet
75Kb / 4P
Surface Mount Schottky Power Rectifier
logo
International Rectifier
MBR360 IRF-MBR360 Datasheet
33Kb / 5P
SCHOTTKY RECTIFIER
logo
ON Semiconductor
MBR360 ONSEMI-MBR360 Datasheet
57Kb / 4P
Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Motorola, Inc
MBR360 MOTOROLA-MBR360 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Vishay Siliconix
MBR360 VISHAY-MBR360 Datasheet
84Kb / 5P
Schottky Rectifier, 3 A
06-Nov-08
More results

Similar Description - MBR360

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
Axial Lead Rectifiers
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
Axial Lead Rectifiers
December, 2004 ??Rev. 4
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
Axial Lead Rectifiers
July, 2006 ??Rev. 10
1N5820 ONSEMI-1N5820 Datasheet
97Kb / 8P
Axial Lead Rectifiers
June, 2006 ??Rev. 9
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
Axial Lead Rectifiers
June, 2006 ??Rev. 8
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
Axial Lead Rectifiers
September, 2006 ??Rev. 2
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
Axial Lead Schottky Rectifiers
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
AXIAL LEAD RECTIFIERS
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
Axial Lead Schottky Rectifiers
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com