Electronic Components Datasheet Search
  English  ▼

X  

MBR360 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR360
Description  Axial Lead Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR360 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR360 Datasheet HTML 1Page - ON Semiconductor MBR360 Datasheet HTML 2Page - ON Semiconductor MBR360 Datasheet HTML 3Page - ON Semiconductor MBR360 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR350, MBR360
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (Note 2)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 1.0 Amp)
(iF = 3.0 Amp)
(iF = 9.4 Amp)
vF
0.600
0.740
1.080
V
Maximum Instantaneous Reverse Current @ Rated DC Voltage (Note 3)
TL = 25°C
TL = 100°C
iR
0.60
20
mA
2. Lead Temperature reference is cathode lead 1/32 in from case.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
TA, AMBIENT TEMPERATURE (C°)
20
100
60
40
80
4.0
2.0
3.0
5.0
0
1.0
DC
SQUARE
WAVE
120
140
160
VR REVERSE VOLTAGE (VOLTS)
020
10
30
40
0.002
0.005
0.01
0.05
0.02
0.10
0.50
0.20
20
10
5.0
2.0
1.0
25
°C
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0
0.4
5.0
0.03
0.02
0.07
0.2
0.1
20
10
3.0
2.0
1.0
0.6
0.8
0.3
0.05
0.5
0.7
7.0
1.0
1.2
1.4
*The curves shown are typical for the highest
voltage device in the voltage grouping. Typical
reverse current for lower voltage selections can
be estimated from these same curves if VR is
sufficiently below rated VR.
50
60
80
75
°C
100
°C
TJ = 150°C
TJ = 100°C
25
°C
75
°C
TJ = 150°C
RATED VR
RqJA = 28°C/W
0
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Current Derating Ambient
(Mounting Method 3 per Note 4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com