Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82913 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 16Page - Texas Instruments TPSM82913 Datasheet HTML 17Page - Texas Instruments TPSM82913 Datasheet HTML 18Page - Texas Instruments TPSM82913 Datasheet HTML 19Page - Texas Instruments TPSM82913 Datasheet HTML 20Page - Texas Instruments TPSM82913 Datasheet HTML 21Page - Texas Instruments TPSM82913 Datasheet HTML 22Page - Texas Instruments TPSM82913 Datasheet HTML 23Page - Texas Instruments TPSM82913 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The family of devices are optimized for low noise and low output voltage ripple.
8.2 Typical Applications
Vo
1.2 V / 3 A
Vin
12 V
VIN
EN/SYNC
S-CONF
CIN
2 x 10 µF
COUT
3x
22 µF
FB
PG
NR/SS
OUT
R2
4.87 k
R1
2.43 k
Cf
2 x 22µF
PGND
Lf
10 nH
Figure 8-1. Typical Schematic
Table 8-1 shows the list of components for the application curves in Section 8.2.3, unless otherwise noted.
Table 8-1. List of Components
REFERENCE
PART NUMBER
DESCRIPTION
MANUFACTURER(1)
TPSM82913
TPSM82913
Low-noise and low-ripple buck
module
Texas Instruments
CIN
C2012X7S1E106K125AC
Ceramic capacitors: 2 × 10 µF ±10%
25-V ceramic capacitor X7S 0805
TDK
COUT
C2012X7S1A226M125AC
Ceramic capacitors: 3 × 22 µF, 10 V,
±20%, X7S, 0805
TDK
Lf
BLE18PS080SN1
Ferrite Bead
MuRata
Cf
C2012X7S1A226M125AC
Ceramic capacitor: 2 × 22 µF, 10 V,
±20%, X7S, 0805
TDK
CNR/SS, CFF
Optional, not shown
Ceramic capacitor
Standard
R1, R2
Resistor
Standard
(1)
See the Third-Party Products Disclaimer
8.2.1 Design Requirements
The external components have to fulfill the needs of the application, but also meet the stability criteria of the
control loop of the device. The device is optimized to work within a range of external components, and can be
optimized for the following:
• Efficiency
TPSM82912, TPSM82913, TPSM82913E
SLVSGJ4C – OCTOBER 2022 – REVISED JULY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPSM82912 TPSM82913 TPSM82913E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com