Electronic Components Datasheet Search
  English  ▼

X  

TPSM82913 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82913 Datasheet(HTML) 5 Page - Texas Instruments

  TPSM82913 Datasheet HTML 1Page - Texas Instruments TPSM82913 Datasheet HTML 2Page - Texas Instruments TPSM82913 Datasheet HTML 3Page - Texas Instruments TPSM82913 Datasheet HTML 4Page - Texas Instruments TPSM82913 Datasheet HTML 5Page - Texas Instruments TPSM82913 Datasheet HTML 6Page - Texas Instruments TPSM82913 Datasheet HTML 7Page - Texas Instruments TPSM82913 Datasheet HTML 8Page - Texas Instruments TPSM82913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TPSM8291x
UNIT
RDU 30-pin QFN
JEDEC 51-7 PCB
TPSM8291xEVM-213
RθJA
Junction-to-ambient thermal resistance
31.3
30.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.4
n/a (2)
°C/W
RθJB
Junction-to-board thermal resistance
7.2
n/a (2)
°C/W
ΨJT
Junction-to-top characterization parameter
-4.9 (3)
-3.0 (3)
°C/W
YJB
Junction-to-board characterization parameter
7.1
9.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Not applicable to an EVM
(3)
This is a negative value because the case temperature is higher than the die junction temperature due to the integrated inductor
having the highest power dissipation in the module.
6.5 Electrical Characteristics
Over recommended input voltage range, TJ = -40 ℃ to 125 ℃, (TJ = -55 ℃ to 125 ℃ for -ET parts). Typical values are at Vin
= 12 V andTJ = 25 ℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Quiescent current
EN = High, no load, device switching, fsw
= 1 MHz
5
mA
ISD
Shutdown current
EN = GND
0.3
70
µA
VUVLO
Under voltage lockout
VIN rising
2.85
2.92
3.0
V
VUVLO
Under voltage lockout
VIN rising
3.04
V
VHYS
Under voltage lockout hysteresis
200
mV
TJSD
Thermal shutdown threshold
TJ rising
170
°C
Thermal shutdown hysteresis
TJ falling
20
°C
CONTROL and INTERFACE
VH_EN
High-level input-threshold voltage at EN/
SYNC
0.97
1.01
1.04
V
VL_EN
Low-level input-threshold voltage at EN/
SYNC
0.87
0.9
0.93
V
VH_SYNC
High-level input-threshold clock signal on
EN/SYNC
EN/SYNC = clock
1.1
V
VL_SYNC
Low-level input-threshold clock signal on
EN/SYNC
EN/SYNC = clock
0.4
V
IEN,LKG
Input leakage current into EN/SYNC
EN/SYNC = GND or VIN
5
160
nA
RPD
Pull-down resistor on EN/SYNC
EN/SYNC = Low
330
500
kΩ
tdelay
Enable delay time
Time from EN/SYNC high to device starts
switching, RS-CONF = 80.6 kΩ
1
ms
INR/SS
NR/SS source current
67.5
75
82.5
µA
RS-CONF S-CONF resistor step range accuracy
RS-CONF tolerance for all settings
according to Table 7-1
-4
+4
%
CS-CONF
Maximum capacitance connected to S-
CONF pin
30
pF
VPG
Power good threshold
VFB rising, referenced to VFB nominal
93
95
98
%
VPG
Power good threshold
VFB falling, referenced to VFB nominal
88
90
93
%
VPG,OL
Low-level output voltage at PG pin
ISINK = 1 mA
0.4
V
IPG,LKG
Input leakage current into PG pin
VPG = 5 V
5
500
nA
www.ti.com
TPSM82912, TPSM82913, TPSM82913E
SLVSGJ4C – OCTOBER 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM82912 TPSM82913 TPSM82913E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com