Electronic Components Datasheet Search
  English  ▼

X  

MBRP20060CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRP20060CT
Description  POWERTAP II SWITCHMODE Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRP20060CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBRP20060CT Datasheet HTML 1Page - ON Semiconductor MBRP20060CT Datasheet HTML 2Page - ON Semiconductor MBRP20060CT Datasheet HTML 3Page - ON Semiconductor MBRP20060CT Datasheet HTML 4Page - ON Semiconductor MBRP20060CT Datasheet HTML 5Page - ON Semiconductor MBRP20060CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRP20060CT
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Leg)
Rating
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.6
°C/W
ELECTRICAL CHARACTERISTICS (Per Leg)
Instantaneous Forward Voltage (Note 1)
(iF = 200 Amps, TJ = 25°C)
(iF = 200 Amps, TJ = 100°C)
vF
0.91
0.80
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
50
0.5
mA
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%.
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.4
0.3
0.2
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
100
10
1.0
0.6
0.5
0.8
0.7
0.3
0.2
1000
100
10
1.0
0.5
0.4
0.7
0.6
TJ = 150°C
TJ = 150°C
0.8
0.9
0.9
1.0
100°C
25°C
100°C
25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com