Electronic Components Datasheet Search
  English  ▼

X  

MBRP20060CT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRP20060CT
Description  POWERTAP II SWITCHMODE Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRP20060CT Datasheet(HTML) 3 Page - ON Semiconductor

  MBRP20060CT Datasheet HTML 1Page - ON Semiconductor MBRP20060CT Datasheet HTML 2Page - ON Semiconductor MBRP20060CT Datasheet HTML 3Page - ON Semiconductor MBRP20060CT Datasheet HTML 4Page - ON Semiconductor MBRP20060CT Datasheet HTML 5Page - ON Semiconductor MBRP20060CT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRP20060CT
http://onsemi.com
3
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
Figure 5. Current Derating
(PER LEG)
Figure 6. Forward Power Dissipation
(PER LEG)
0
10
20
0
10
20
30
30
IO, AVERAGE FORWARD CURRENT (AMPS)
VR, REVERSE VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (°C)
VR, REVERSE VOLTAGE (VOLTS)
100
0
0
20
25
100
50
75
125
40
80
60
150
175
120
140
0
0
60
40
20
20
100
40
60
80
80
100
120
140
160
160
120
0.0001
0.001
0.01
0.1
1.0
0.0001
0.001
0.01
0.1
1.0
0.000001
100°C
TJ = 150°C
100°C
25°C
TJ = 150°C
SQUARE
WAVE
dc
Ipk/Io = p
Ipk/Io = 5
Ipk/Io = 10
Ipk/Io = 20
SQUARE
WAVE
dc
Ipk/Io = p
Ipk/Io = 5
Ipk/Io = 10
Ipk/Io = 20
FREQ = 20 kHz
0.00001
40
50
60
40
50
60
0.00001
25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com