Electronic Components Datasheet Search
  English  ▼

X  

CAB Datasheet(PDF) 1 Page - Lapp.

Part # CAB
Description  FLEXIMARK CHARACTER HOLDERS CAB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

CAB Datasheet(HTML) 1 Page - Lapp.

  CAB Datasheet HTML 1Page - Lapp. CAB Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
Valid from:
21.01.2019
FLEXIMARK CHARACTER HOLDERS CAB
Creator: Fleximark/LR
Document: DB83259070EN
Version: 02
Page 1 of 2
No.: 0019/0894
Cable and pipe marking on site.
Indoor and outdoor environment.
Used together with FLEXIMARK Marking system and 3M™ DYMO™ Industrial marking labels.
Available in different widths and lengths.
Delivered with cable ties.
Premade holes for mounting with plastic cable ties.
Technical data
Material:
Polyethylene, halogen free
Temperature range:
-75°C up to +80°C
Resistance:
UV-resistant
Recommended storage:
Cool and dry in original packaging
Mounting:
FLEXIMARK Character holders CAB are used for cable marking and mounted with cable ties.
Other product data:
ETIM Classification:
EC001288
Advantages:
Produce marking on site when need it.
Easy marking together with 3M™ DYMO™ Industrial marking labels and FLEXIMARK Marking systems.
Halogen free material.
Cable marking for indoor and outdoor.
Delivered with cable ties and premade holes for mounting with plastic cable ties.
Many different lengths and widths available in the assortment.
Delivery:
Delivered in package in different lengths and widths with cable ties 135x2.6 mm


Similar Part No. - CAB

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
CAB-0.3-56 TALEMA-CAB-0.3-56 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
CAB-0.3-68 TALEMA-CAB-0.3-68 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
CAB-0.4-100 TALEMA-CAB-0.4-100 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
CAB-0.4-33 TALEMA-CAB-0.4-33 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
CAB-0.4-39 TALEMA-CAB-0.4-39 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
More results

Similar Description - CAB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Elektron Components Ltd...
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
BX0034 BULGIN-BX0034 Datasheet
462Kb / 7P
Battery Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
logo
Adam Technologies, Inc.
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
LFL LAPP-LFL Datasheet
806Kb / 3P
FLEXIMARK Cablelabel LFL
07.12.2018
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
PTE LAPP-PTE Datasheet
793Kb / 3P
FLEXIMARK Character holders PTE
02.05.2019
PTEF LAPP-PTEF Datasheet
723Kb / 3P
FLEXIMARK character holders PTEF
28.01.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com