Electronic Components Datasheet Search
  English  ▼

X  

CAB Datasheet(PDF) 2 Page - Lapp.

Part # CAB
Description  FLEXIMARK CHARACTER HOLDERS CAB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

CAB Datasheet(HTML) 2 Page - Lapp.

  CAB Datasheet HTML 1Page - Lapp. CAB Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
Valid from:
21.01.2019
FLEXIMARK CHARACTER HOLDERS CAB
Creator: Fleximark/LR
Document: DB83259070EN
Version: 02
Page 2 of 2
No.: 0019/0894
Product data:
Related products
FLEXIMARK® Character holders are used together with 3M™ DYMO™ Industrial marking labels (vinyl, polyester, glue-free,
nylon) and FLEXIMARK Marking systems. All of the related products are available in FLEXIMARK Marking assortment.
Following FLEXIMARK Marking systems and other marking solutions are recommended for FLEXIMARK Character holders
CAB:
CAB Size (mm)
Recommended Marking systems (mm)
6-35
3M™ DYMO™ Marking label 6
6-38
3M™ DYMO™ Marking label 6
9.5-18
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-35
3M™ DYMO™ Marking label 9,5
9.5-28
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-38
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-58
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-66
3M™ DYMO™ Marking label 9,5
FLEXIMARK Flexilabel 9,5
12-18
3M™ DYMO™ Marking label 12
12-28
3M™ DYMO™ Marking label 12
12-38
3M™ DYMO™ Marking label 12
FLEXIMARK Flexilabel 12
12-58
3M™ DYMO™ Marking label 12
15-45
3M™ DYMO™ Marking label 15
FLEXIMARK Flexilabel 15
19-50
3M™ DYMO™ Marking label 19
FLEXIMARK Flexilabel 19
Note:
Pictures are not to scale and do not represent detailed images of each product.
Part no.
Article designation
Width
(mm)
Text
length
(mm)
Length
(mm)
Content
(unit)
PU
Cable ties
included
Content
(unit)
83259091
Character holder CAB 6-35 TR
6
35
47
50
1
135x2.6
100
83259090
Character holder CAB 6-38 TR
6
38
50
50
1
135x2.6
100
83259087
Character holder CAB 9.5-18 TR
9,5
18
30
50
1
135x2.6
100
83259088
Character holder CAB 9.5-35 TR
9,5
35
47
50
1
135x2.6
100
83259084
Character holder CAB 9.5-28 TR
9,5
28
40
50
1
135x2.6
100
83259085
Character holder CAB 9.5-38 TR
9,5
38
50
50
1
135x2.6
100
83259086
Character holder CAB 9.5-58 TR
9,5
58
70
50
1
135x2.6
100
83259083
Character holder CAB 9.5-66 TR
9,5
66
78
50
1
135x2.6
100
83259078
Character holder CAB 12-18 TR
12
18
30
50
1
135x2.6
100
83259079
Character holder CAB 12-28 TR
12
28
40
50
1
135x2.6
100
83259080
Character holder CAB 12-38 TR
12
38
50
50
1
135x2.6
100
83259081
Character holder CAB 12-58 TR
12
58
70
50
1
135x2.6
100
83259075
Character holder CAB 15-45 TR
15
45
57
50
1
135x2.6
100
83259070
Character holder CAB 19-50 TR
19
50
62
50
1
135x2.6
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com