Electronic Components Datasheet Search
  English  ▼

X  

LFL Datasheet(PDF) 1 Page - Lapp.

Part # LFL
Description  FLEXIMARK Cablelabel LFL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

LFL Datasheet(HTML) 1 Page - Lapp.

  LFL Datasheet HTML 1Page - Lapp. LFL Datasheet HTML 2Page - Lapp. LFL Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Valid from:
07.12.2018
FLEXIMARK Cablelabel LFL
Creator: Fleximark/LR
Document: DB83254750EN
Version: 00
Page 1 of 3
No.: 0019/0894
Cable label for cable marking. Mounting with cable tie. Delivered on perforated sheets designed for laser printing. UV-
resistant.
Technical data:
Material:
Polyester, halogen free, UV-resistant
Operating temperature:
-40°C to +125°C
Sheet size:
A5, A4
Colour:
Yellow/White
Recommended storage:
21°C and 50% RH
Mounting:
One or two cable ties.
Other product data:
ETIM Classification: EC001288
Advantages:
Supplied as punched and perforated A5 and A4 sheets.
Printed in standard office laser printers, both sides are printable.
The label has pre punched holes for one or two cable ties.


Similar Part No. - LFL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL0Q2G45TR2E268 MURATA1-LFL0Q2G45TR2E268 Datasheet
319Kb / 3P
Low Pass Filter(LPF)
LFL0Q2G45TR2E452 MURATA1-LFL0Q2G45TR2E452 Datasheet
317Kb / 3P
Low Pass Filter(LPF)
LFL0Q2G45TR2E642 MURATA1-LFL0Q2G45TR2E642 Datasheet
394Kb / 3P
Low Pass Filter(LPF)
logo
Murata Manufacturing Co...
LFL151G35TC7D784 MURATA-LFL151G35TC7D784 Datasheet
170Kb / 2P
LC Filters(LPF)
LFL151G81TC1B786 MURATA-LFL151G81TC1B786 Datasheet
129Kb / 9P
Filters for Communication Equipment
More results

Similar Description - LFL

ManufacturerPart #DatasheetDescription
logo
Lapp.
83251402 LAPP-83251402 Datasheet
795Kb / 4P
FLEXIMARK Stainless Steel Marking SMC FCC
05.12.2018
CAB LAPP-CAB Datasheet
701Kb / 2P
FLEXIMARK CHARACTER HOLDERS CAB
21.01.2019
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
LCK LAPP-LCK Datasheet
924Kb / 4P
FLEXIMARK® Wrapping label LCK
06.12.2018
LSC LAPP-LSC Datasheet
668Kb / 3P
FLEXIMARK® Steel cable ties LS and LSC
05-12-2018
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
PTE LAPP-PTE Datasheet
793Kb / 3P
FLEXIMARK Character holders PTE
02.05.2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com