Electronic Components Datasheet Search
  English  ▼

X  

LFL Datasheet(PDF) 2 Page - Lapp.

Part # LFL
Description  FLEXIMARK Cablelabel LFL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

LFL Datasheet(HTML) 2 Page - Lapp.

  LFL Datasheet HTML 1Page - Lapp. LFL Datasheet HTML 2Page - Lapp. LFL Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA SHEET
Valid from:
07.12.2018
FLEXIMARK Cablelabel LFL
Creator: Fleximark/LR
Document: DB83254750EN
Version: 00
Page 2 of 3
No.: 0019/0894
Product data:
Resistance of FLEXIMARK® Cablelabel LFL:
RICE test SP-2171
Resistance test
Chemical resistance test with abrasion
UV
Ageing
Diesel
Acid
(H₂SO₄)
25%
Alkali
(Detergent
solution,
10%)
Distilled
water
Salt water
(5% NACI)
Transformer
oil (Nytro
10X)
Ethanol
E-nr.
LAPP
Part no.
Article designation
Size/ Label
WxH mm
Content/
unit
colour
Content
(Unit)
PU
2972058
83254750
LFL 2H 9.9x26 YE/WH
9.9x26
40
Yellow
10
1
2972059
83254760
LFL 1H 9.9x35 YE/WH
9,9x35
40
Yellow
10
1
2972097
83254765
Cablelabel 9.9-66 YE/WH A4
9,9-66
56
Yellow
10
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com