Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 1 Page - Lapp.

Part # PTE
Description  FLEXIMARK Character holders PTE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

PTE Datasheet(HTML) 1 Page - Lapp.

  PTE Datasheet HTML 1Page - Lapp. PTE Datasheet HTML 2Page - Lapp. PTE Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Valid from:
02.05.2019
FLEXIMARK Character holders PTE
Creator: Fleximark/LR
Document: DB83251060EN
Version: 02
Page 1 of 3
No.: 0019/0894
Cable and component marking on site.
Indoor and outdoor environment.
Used together with different FLEXIMARK Marking system.
For cable marking mounted with plastic cable ties.
For component marking mounted with screw.
Technical data
Material PTE:
Polyethylene, halogen free
Temperature range:
-75°C up to +80°C
Resistance:
UV-resistant
Recommended storage:
Cool and dry in original packaging
Mounting:
FLEXIMARK Character holders are be used for both cable and component marking. You simply punch the holes for cable
ties or screws as you need them.
Other product data:
ETIM Classification:
EC001288
Advantages:
Flexible and durable marking when you need it.
Easy marking on site together with 3M™ DYMO™ Industrial marking labels and different FLEXIMARK Marking systems.
Halogen free material.
Cable and component marking for indoor and outdoor.
Mounted with one or two cable ties for cable marking and with screws for component marking.
Delivery:
Delivered in different lengths. Character holders with a length of 5m and over are delivered in a box for easier handling.


Similar Part No. - PTE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
logo
List of Unclassifed Man...
PTE ETC-PTE Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
Autonics Corporation
PTE AUTONICS-PTE Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
List of Unclassifed Man...
PTE-02B ETC-PTE-02B Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
Autonics Corporation
PTE-02B AUTONICS-PTE-02B Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
More results

Similar Description - PTE

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
logo
Adam Technologies, Inc.
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
logo
Bridgetek Pte Ltd.
CLEO35 BRIDGETEK-CLEO35 Datasheet
1,001Kb / 28P
Bridgetek Pte Ltd
Version 1.2
CLEO50 BRIDGETEK-CLEO50 Datasheet
1Mb / 30P
Bridgetek Pte Ltd
Version 1.1
logo
Lapp.
CAB LAPP-CAB Datasheet
701Kb / 2P
FLEXIMARK CHARACTER HOLDERS CAB
21.01.2019
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
LFL LAPP-LFL Datasheet
806Kb / 3P
FLEXIMARK Cablelabel LFL
07.12.2018
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
PTEF LAPP-PTEF Datasheet
723Kb / 3P
FLEXIMARK character holders PTEF
28.01.2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com