Electronic Components Datasheet Search
  English  ▼

X  

PTE Datasheet(PDF) 2 Page - Lapp.

Part # PTE
Description  FLEXIMARK Character holders PTE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

PTE Datasheet(HTML) 2 Page - Lapp.

  PTE Datasheet HTML 1Page - Lapp. PTE Datasheet HTML 2Page - Lapp. PTE Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA SHEET
Valid from:
02.05.2019
FLEXIMARK Character holders PTE
Creator: Fleximark/LR
Document: DB83251060EN
Version: 02
Page 2 of 3
No.: 0019/0894
Product data:
E-nummer
LAPP Part
no.
Article designation
Width (mm)
Length (mm)
Adhesive
Content
(unit)
PU
2989392
83253014
PTE 6-285
6
285
No
10
1
2989394
83253012
PTE 6-1000
6
1000
No
10
1
2942227
83259960
PTE 6-15m
6
15 m
No
1
1
2989402
83252081
PTE 9.5-285
9,5
285
No
10
1
2989404
83252084
PTE 9.5-1000
9,5
1000
No
10
1
2942228
83259961
PTE 9.5-15m
9,5
15 m
No
1
1
2989412
83252028
PTE 12-285
12
285
No
10
1
2989414
83252027
PTE 12-1000
12
1000
No
10
1
2972177
83259952
PTE 12-10m
12
10 m
No
1
1
2989422
83251060
PTE 19-285
19
285
No
10
1
2989424
83251061
PTE 19-1000
19
1000
No
10
1
2972178
83259953
PTE 19-5m
19
5 m
No
1
1
2989432
83252508
PTE 25-285
25
285
No
10
1
2989434
83252510
PTE 25-1000
25
1000
No
10
1
2972179
83259954
PTE 25-5m
25
5 m
No
1
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com