Electronic Components Datasheet Search
  English  ▼

X  

MP174A Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP174A Datasheet HTML 1Page - MPS Industries, Inc. MP174A Datasheet HTML 2Page - MPS Industries, Inc. MP174A Datasheet HTML 3Page - MPS Industries, Inc. MP174A Datasheet HTML 4Page - MPS Industries, Inc. MP174A Datasheet HTML 5Page - MPS Industries, Inc. MP174A Datasheet HTML 6Page - MPS Industries, Inc. MP174A Datasheet HTML 7Page - MPS Industries, Inc. MP174A Datasheet HTML 8Page - MPS Industries, Inc. MP174A Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP174A
700V Non-Isolated Off-Line Regulator,
Up to 400mA Output Current
with Improved EMI Performance
MP174A Rev. 1.0
www.MonolithicPower.com
1
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MP174A is a primary-side regulator that
provides
accurate
constant
voltage
(CV)
regulation without an opto-coupler. It supports
buck, buck-boost, boost, and flyback topologies.
It has an integrated 700V MOSFET to simplify
the structure and reduce costs. These features
make it an ideal regulator for off-line low power
applications, such as home appliances and
standby power.
The
MP174A
is
a
green-mode-operation
regulator. Both the peak current and switching
frequency decrease as the load decreases.
This feature provides excellent efficiency at light
load
and
improves
the
overall
average
efficiency.
The MP174A has various protection features,
including thermal shutdown (OTP), VCC under-
voltage lockout (UVLO), over-load protection
(OLP), short-circuit protection (SCP), and open-
loop detection.
The MP174A is available in a small TSOT23-5
package and SOIC8 package.
FEATURES
 Primary-Side CV Control, supporting Buck,
Buck-Boost, Boost, and Flyback Topologies
 Integrated 700V/13.5Ω MOSFET and
Current Source
 <30mW No-Load Power Consumption
 Up to 5W Output Power
 Maximum DCM Output Current Less than
250mA
 Maximum CCM Output Current Less than
400mA
 Low VCC Operating Current
 Frequency Foldback
 Limited Maximum Frequency
 Peak-Current Compression
 Internally Biased VCC
 OTP, UVLO, OLP, SCP, Open-Loop
Detection
APPLICATIONS
Home Appliances, White Goods and
Consumer Electronics
Industrial Controls
Standby Power
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP174A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP174 MPS-MP174 Datasheet
667Kb / 22P
700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 MPS-MP1740 Datasheet
238Kb / 6P
3W High Efficiency Mono Class-D Audio Amplifer EV Board
MP1740EC MPS-MP1740EC Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
saftbatteries
MP174565 SAFT-MP174565 Datasheet
717Kb / 2P
High performance Medium Prismatic cell
More results

Similar Description - MP174A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP163 MPS-MP163 Datasheet
813Kb / 23P
700V, Non-Isolated, Offline Regulator with Integrated LDO
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
MP174 MPS-MP174 Datasheet
667Kb / 22P
700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
EV163-S-00A MPS-EV163-S-00A Datasheet
1Mb / 12P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
EV163-SE-00A MPS-EV163-SE-00A Datasheet
263Kb / 7P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
EV171-J-00A MPS-EV171-J-00A Datasheet
271Kb / 7P
Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV171-S-00A MPS-EV171-S-00A Datasheet
283Kb / 7P
Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com