Electronic Components Datasheet Search
  English  ▼

X  

MP174A Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MP174A
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174A Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MP174A Datasheet HTML 12Page - MPS Industries, Inc. MP174A Datasheet HTML 13Page - MPS Industries, Inc. MP174A Datasheet HTML 14Page - MPS Industries, Inc. MP174A Datasheet HTML 15Page - MPS Industries, Inc. MP174A Datasheet HTML 16Page - MPS Industries, Inc. MP174A Datasheet HTML 17Page - MPS Industries, Inc. MP174A Datasheet HTML 18Page - MPS Industries, Inc. MP174A Datasheet HTML 19Page - MPS Industries, Inc. MP174A Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
16
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
Topology Options
The MP174A can be used in common topologies,
such as buck, buck-boost, boost, and flyback.
See Table 1.
Component Selection
Input Capacitor
The input capacitor supplies the DC input voltage
for the converter. Figure 6 shows the typical DC
bus voltage waveform of a half-wave rectifier and
a full-wave rectifier.
Vin
DC input voltage
t
V
DC(min)
V
DC(max)
AC input voltage
Vin
DC input voltage
t
V
DC( min)
V
DC(max)
AC input voltage
Figure 6: Input Voltage Waveform
Typically, the use of a half-wave rectifier requires
an input capacitor rated at 3μF/W for the
universal input condition. When using the full-
wave rectifier, choose an input capacitor between
1.5~2μF/W for a universal input condition. Avoid
a minimum DC voltage below 70V; a low DC
input voltage can cause thermal issues. A half-
wave rectifier is recommended for <2W output
application,
and
a
full-wave
rectifier
is
recommended for >2W output application.
Inductor
The MP174A has a minimum off time limit that
determines the maximum power output. The
maximum power increases as the inductor
increases. Using a very small inductor may
cause failure at full load, but a larger inductor
means a higher OLP load. It is recommended to
select an inductor with the minimum value that
can supply the rated power. Estimate the
maximum power with Equation (6) and Equation
(7):
 OMin_off
O _ max
O Peak
V
PV (I
)
2L
, for CCM
(6)

2
O_ max
Peak
Min_ off
11
PLI
2
, for DCM
(7)
For
mass
production,
tolerance
on
the
parameters, such as peak current limitation and
minimum off time, should be taken into
consideration.
Figure 7 shows an example of a PMin curve with a
12V output. IPeak=0.6A and TMin_off=15μs are used
as the worst case for PMin calculation.
2
2.5
3
3.5
4
4.5
5
5.5
6
0.25
0.35
0.45
0.55
0.65
0.75
INDUCTANCE (mH)
Figure 7: PMin vs. L at 12V
For a 3.6W output converter (12V, 0.3A), the
minimum inductor value is about 0.36mH. Using
a 0.36mH causes the switching frequency to be
too high, which causes poor efficiency. It is
recommended to use an inductor that allows a
switching frequency higher than 20kHz (but not
too high in large output current applications).
To reduce costs, use a standard off-the-shelf
inductor no less than the calculated value.
Freewheeling Diode
The diode should be selected based on the
maximum input voltage and peak current.
The freewheeling diode’s reverse recovery can
affect efficiency and circuit operation for a CCM
condition, so use an ultrafast diode, such as the
EGC10JH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com