Electronic Components Datasheet Search
  English  ▼

X  

PTEF Datasheet(PDF) 1 Page - Lapp.

Part # PTEF
Description  FLEXIMARK character holders PTEF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

PTEF Datasheet(HTML) 1 Page - Lapp.

  PTEF Datasheet HTML 1Page - Lapp. PTEF Datasheet HTML 2Page - Lapp. PTEF Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
Valid from:
28.01.2019
FLEXIMARK character holders PTEF
Creator: Fleximark/LR
Document: DB83254955EN
Version: 02
Page 1 of 3
No.: 0019/0894
Cable, pipe and component marking on site.
Indoor and outdoor environment.
Used together with FLEXIMARK Marking system and 3M™ DYMO™ Industrial marking labels.
Available in different widths and lengths.
Premade holes for mounting with plastic cable ties.
FLEXIMARK PTEF 9,5-18 with lock button is delivered mounted with lock button.
Technical data
Material:
Polyethylene, halogen free
Operating temperature:
-75°C up to +80°C
Resistance:
UV-resistant
Recommended storage:
Cool and dry in original packaging
Mounting:
FLEXIMARK Character holders are be used for cable marking and mounted with cable ties.
Other product data:
ETIM Classification:
EC001288
Advantages:
Produce marking on site when need it.
Easy marking together with 3M™ DYMO™ Industrial marking labels and FLEXIMARK Marking systems.
Halogen free material.
Cable and component marking for indoor and outdoor.
Delivered with premade holes for mounting with plastic cable ties.
Many different lengths and widths available in the assortment.
Delivery:
Delivered in packages with different lengths and widths.


Similar Part No. - PTEF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
logo
Lapp.
PTE LAPP-PTE Datasheet
793Kb / 3P
FLEXIMARK Character holders PTE
02.05.2019
logo
List of Unclassifed Man...
PTE ETC-PTE Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
Autonics Corporation
PTE AUTONICS-PTE Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
List of Unclassifed Man...
PTE-02B ETC-PTE-02B Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
More results

Similar Description - PTEF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Elektron Components Ltd...
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
BX0034 BULGIN-BX0034 Datasheet
462Kb / 7P
Battery Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
logo
Adam Technologies, Inc.
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
logo
Lapp.
CAB LAPP-CAB Datasheet
701Kb / 2P
FLEXIMARK CHARACTER HOLDERS CAB
21.01.2019
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
FLEXIMARK Plier FL52ERA FL52A
18.12.2018
LFL LAPP-LFL Datasheet
806Kb / 3P
FLEXIMARK Cablelabel LFL
07.12.2018
MR10-20 LAPP-MR10-20 Datasheet
832Kb / 7P
FLEXIMARK Stainless Steel Character Strips & Holders
12.12.2018
PTE LAPP-PTE Datasheet
793Kb / 3P
FLEXIMARK Character holders PTE
02.05.2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com