Electronic Components Datasheet Search
  English  ▼

X  

PTEF Datasheet(PDF) 3 Page - Lapp.

Part # PTEF
Description  FLEXIMARK character holders PTEF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

PTEF Datasheet(HTML) 3 Page - Lapp.

  PTEF Datasheet HTML 1Page - Lapp. PTEF Datasheet HTML 2Page - Lapp. PTEF Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATA SHEET
Valid from:
28.01.2019
FLEXIMARK character holders PTEF
Creator: Fleximark/LR
Document: DB83254955EN
Version: 02
Page 3 of 3
No.: 0019/0894
FLEXIMARK® Character holders are used together with 3M™ DYMO™ Industrial marking labels (vinyl, polyester, glue-free,
nylon) and FLEXIMARK Marking systems. All of the related products are available in FLEXIMARK Marking assortment.
Following FLEXIMARK Marking systems and other marking solutions are recommended for FLEXIMARK Character holders
PTEF:
PTEF Size (mm)
Recommended Marking systems (mm)
6-18
3M™ DYMO™ Marking label 6
6-28
3M™ DYMO™ Marking label 6
6-35
3M™ DYMO™ Marking label 6
FLEXIMARK Flexilabel 6
6-38
3M™ DYMO™ Marking label 6
6-58
3M™ DYMO™ Marking label 6
FLEXIMARK Flexilabel 6
9.5-18
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-28
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-35
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-38
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-58
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-66
3M™ DYMO™ Marking label 9,5
FLEXIMARK Flexilabel 9,5
9.5-70
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-85
3M™ DYMO™ Marking label 9,5
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5
9.5-105
3M™ DYMO™ Marking label 9,5
FLEXIMARK Flexilabel 9,5
12-18
3M™ DYMO™ Marking label 12
12-28
3M™ DYMO™ Marking label 12
12-38
3M™ DYMO™ Marking label 12
FLEXIMARK Flexilabel 12
12-50
3M™ DYMO™ Marking label 12
FLEXIMARK Flexilabel 12
12-58
3M™ DYMO™ Marking label 12
12-85
3M™ DYMO™ Marking label 12
19-50
3M™ DYMO™ Marking label 19
FLEXIMARK Flexilabel 19
Note:
Pictures are not to scale and do not represent detailed images of each product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com