Electronic Components Datasheet Search
  English  ▼

X  

ES9826Q Datasheet(PDF) 25 Page - ESS Technology,Inc

Part # ES9826Q
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826Q Datasheet(HTML) 25 Page - ESS Technology,Inc

Back Button ES9826Q Datasheet HTML 21Page - ESS Technology,Inc ES9826Q Datasheet HTML 22Page - ESS Technology,Inc ES9826Q Datasheet HTML 23Page - ESS Technology,Inc ES9826Q Datasheet HTML 24Page - ESS Technology,Inc ES9826Q Datasheet HTML 25Page - ESS Technology,Inc ES9826Q Datasheet HTML 26Page - ESS Technology,Inc ES9826Q Datasheet HTML 27Page - ESS Technology,Inc ES9826Q Datasheet HTML 28Page - ESS Technology,Inc ES9826Q Datasheet HTML 29Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
25
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Linear phase slow roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3 dB
0.50 x fs
Hz
Stop band
-84 dB
0.81 x fs
Hz
Group Delay
5.87/fs
s
Flatness (ripple)
-
dB
Minimum phase fast roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.46 x fs
Hz
Stop band
-80 dB
0.54 x fs
Hz
Group Delay
2.95/fs
9.42/fs
s
Flatness (ripple)
0.0038
dB
Minimum phase slow roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3 dB
0.43 x fs
Hz
Stop band
-90 dB
0.80 x fs
Hz
Group Delay
2.03/fs
2.53/fs
s
Flatness (ripple)
-
dB
Minimum phase slow roll-off low dispersion
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
-3 dB
0.43 x fs
Hz
Stop band
-90 dB
0.80 x fs
Hz
Group Delay
11.66/fs
11.73/fs
s
Flatness (ripple)
-
dB
Table 15 – PCM Filter Properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com