Electronic Components Datasheet Search
  English  ▼

X  

AD202K Datasheet(PDF) 4 Page - Analog Devices

Part # AD202K
Description  Low Cost, Miniature Isolation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202K Datasheet(HTML) 4 Page - Analog Devices

  AD202K Datasheet HTML 1Page - Analog Devices AD202K Datasheet HTML 2Page - Analog Devices AD202K Datasheet HTML 3Page - Analog Devices AD202K Datasheet HTML 4Page - Analog Devices AD202K Datasheet HTML 5Page - Analog Devices AD202K Datasheet HTML 6Page - Analog Devices AD202K Datasheet HTML 7Page - Analog Devices AD202K Datasheet HTML 8Page - Analog Devices AD202K Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
AD202/AD204
–4–
DIFFERENCES BETWEEN THE AD202 AND AD204
The primary distinction between the AD202 and AD204 is in
the method by which they are powered: the AD202 operates
directly from 15 V dc while the AD204 is powered by a non-
isolated externally-supplied clock (AD246) that can drive up to
32 AD204s. The main advantages of using the externally-
clocked AD204 over the AD202 are reduced cost in multichannel
applications, lower power consumption, and higher bandwidth.
In addition, the AD204 can supply substantially more isolated
power than the AD202.
Of course, in a great many situations, especially where only one
or a few isolators are used, the convenience of standalone opera-
tion provided by the AD202 will be more significant than any
of the AD204’s advantages. There may also be cases where it is
desirable to accommodate either device interchangeably, so the
pinouts of the two products have been designed to make that
easy to do.
RECT
AND
FILTER
OSCILLATOR
DEMOD
MOD
SIGNAL
POWER
5V
FS
+7.5V
–7.5V
25kHz
25kHz
AD202
FB
IN–
IN+
IN COM
VSIG
+VISO OUT
–VISO OUT
5V
FS
HI
LO
15V DC
POWER
RETURN
VOUT
Figure 1a. AD202 Functional Block Diagram
RECT
AND
FILTER
POWER
CONV.
DEMOD
MOD
SIGNAL
POWER
5V
FS
+7.5V
–7.5V
25kHz
25kHz
AD204
FB
IN–
IN+
IN COM
VSIG
+VISO OUT
–VISO OUT
5V
FS
HI
LO
CLOCK
15V p-p
25kHz
POWER
RETURN
VOUT
Figure 1b. AD204 Functional Block Diagram
(Pin Designations Apply to the DIP-Style Package)
INSIDE THE AD202 AND AD204
The AD202 and AD204 use an amplitude modulation technique
to permit transformer coupling of signals down to dc (Figure 1a
and 1b). Both models also contain an uncommitted input op
amp and a power transformer that provides isolated power to
the op amp, the modulator, and any external load. The power
transformer primary is driven by a 25 kHz, 15 V p-p square
wave generated internally in the case of the AD202, or supplied
externally for the AD204.
Within the signal swing limits of approximately
±5 V, the out-
put voltage of the isolator is equal to the output voltage of the
op amp; that is, the isolation barrier has unity gain. The output
signal is not internally buffered, so the user is free to interchange
the output leads to get signal inversion. Additionally, in multi-
channel applications, the unbuffered outputs can be multiplexed
with one buffer following the mux. This technique minimizes
offset errors while reducing power consumption and cost. The
output resistance of the isolator is typically 3 k
Ω for the AD204
(7 k
Ω for AD202) and varies with signal level and temperature,
so it should not be loaded (see Figure 2 for the effects of load
upon nonlinearity and gain drift). In many cases, a high imped-
ance load will be present or a following circuit such as an output
filter can serve as a buffer so that a separate buffer function will
not often be needed.
OUTPUT LOAD – M
0.25
0.20
0
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.15
0.10
0.05
–10
–8
–6
–4
–2
0
–500
–400
–300
–200
–100
0
GAIN
CHANGE
(%)
GAIN TC
CHANGE
(ppm/ C)
NON-
LINEARITY
(%)
AD202 GAIN AND GAIN TC
AD202 NONLINEARITY
AD204 NONLINEARITY
AD204 GAIN AND GAIN TC
Figure 2. Effects of Output Loading
USING THE AD202 AND AD204
Powering the AD202. The AD202 requires only a single 15 V
power supply connected as shown in Figure 3a. A bypass capaci-
tor is provided in the module.
15V
5%
15V RETURN
AD202
Figure 3a.
Powering the AD204. The AD204 gets its power from an
externally supplied clock signal (a 15 V p-p square wave with a
nominal frequency of 25 kHz) as shown in Figure 3b.
15V
15V RETURN
AD204
AD204
AD204
AD246
+
Figure 3b.
(NOTE: Circuit figures shown on this page are for SIP-style packages. Refer to
Page 3 for proper DIP package pinout.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com