Electronic Components Datasheet Search
  English  ▼

X  

AD202K Datasheet(PDF) 1 Page - Analog Devices

Part # AD202K
Description  Low Cost, Miniature Isolation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD202K Datasheet(HTML) 1 Page - Analog Devices

  AD202K Datasheet HTML 1Page - Analog Devices AD202K Datasheet HTML 2Page - Analog Devices AD202K Datasheet HTML 3Page - Analog Devices AD202K Datasheet HTML 4Page - Analog Devices AD202K Datasheet HTML 5Page - Analog Devices AD202K Datasheet HTML 6Page - Analog Devices AD202K Datasheet HTML 7Page - Analog Devices AD202K Datasheet HTML 8Page - Analog Devices AD202K Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD202/AD204
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Low Cost, Miniature
Isolation Amplifiers
FEATURES
Small Size: 4 Channels/lnch
Low Power: 35 mW (AD204)
High Accuracy:
0.025% Max Nonlinearity (K Grade)
High CMR: 130 dB (Gain = 100 V/V)
Wide Bandwidth: 5 kHz Full-Power (AD204)
High CMV Isolation:
2000 V pk Continuous (K Grade)
(Signal and Power)
Isolated Power Outputs
Uncommitted Input Amplifier
APPLICATIONS
Multichannel Data Acquisition
Current Shunt Measurements
Motor Controls
Process Signal Isolation
High Voltage Instrumentation Amplifier
GENERAL DESCRIPTION
The AD202 and AD204 are general purpose, two-port, trans-
former-coupled isolation amplifiers that may be used in a broad
range of applications where input signals must be measured,
processed, and/or transmitted without a galvanic connection.
These industry standard isolation amplifiers offer a complete
isolation function, with both signal and power isolation provided
for in a single compact plastic SIP or DIP style package. The
primary distinction between the AD202 and the AD204 is that
the AD202 is powered directly from a 15 V dc supply while the
AD204 is powered by an externally supplied clock, such as the
recommended AD246 Clock Driver.
The AD202 and AD204 provide total galvanic isolation between
the input and output stages of the isolation amplifier through
the use of internal transformer-coupling. The functionally com-
plete AD202 and AD204 eliminate the need for an external,
user-supplied dc-to-dc converter. This permits the designer
to minimize the necessary circuit overhead and consequently
reduce the overall design and component costs.
The design of the AD202 and AD204 emphasizes maximum
flexibility and ease of use, including the availability of an
uncommitted op amp on the input stage. They feature a bipolar
±5 V output range, an adjustable gain range of from 1V/V to
100 V/V,
±0.025% max nonlinearity (K grade), 130 dB of
CMR, and the AD204 consumes a low 35 mW of power.
The functional block diagrams can be seen in Figures 1a and 1b.
PRODUCT HIGHLIGHTS
The AD202 and AD204 are full-featured isolators offering
numerous benefits to the user:
Small Size: The AD202 and AD204 are available in SIP and
DIP form packages. The SIP package is just 0.25" wide, giving
the user a channel density of four channels per inch. The isolation
barrier is positioned to maximize input to output spacing. For
applications requiring a low profile, the DIP package provides a
height of just 0.350".
High Accuracy: With a maximum nonlinearity of
±0.025%
for the AD202K/AD204K (
±0.05% for the AD202J/AD204J)
and low drift over temperature, the AD202 and AD204 provide
high isolation without loss of signal integrity.
Low Power: Power consumption of 35 mW (AD204) and
75 mW (AD202) over the full signal range makes these isolators
ideal for use in applications with large channel counts or tight
power budgets.
Wide Bandwidth: The AD204’s full-power bandwidth of 5 kHz
makes it useful for wideband signals. It is also effective in appli-
cations like control loops, where limited bandwidth could result
in instability.
Excellent Common-Mode Performance: The AD202K/
AD204K provide
±2000 V pk continuous common-mode isola-
tion, while the AD202J/AD204J provide
±1000 V pk continuous
common-mode isolation. All models have a total common-mode
input capacitance of less than 5 pF inclusive of power isolation.
This results in CMR ranging from 130 dB at a gain of 100 dB to
104 dB (minimum at unity gain) and very low leakage current
(2
mA maximum).
Flexible Input: An uncommitted op amp is provided at the
input of all models. This provides buffering and gain as required,
and facilitates many alternative input functions including filtering,
summing, high voltage ranges, and current (transimpedance) input.
Isolated Power: The AD204 can supply isolated power of
±7.5 V at 2 mA. This is sufficient to operate a low-drift input
preamp, provide excitation to a semiconductor strain gage, or
power any of a wide range of user-supplied ancillary circuits.
The AD202 can supply
±7.5 V at 0.4 mA, which is sufficient to
operate adjustment networks or low power references and op
amps, or to provide an open-input alarm.


Similar Part No. - AD202K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202K AD-AD202K Datasheet
412Kb / 12P
Low Cost, Miniature Isolation Amplifiers
AD202K AD-AD202K Datasheet
8Mb / 16P
High Precision, Low Offset, mV Input Isolation Amplifier
AD202KN AD-AD202KN Datasheet
412Kb / 12P
Low Cost, Miniature Isolation Amplifiers
AD202KY AD-AD202KY Datasheet
412Kb / 12P
Low Cost, Miniature Isolation Amplifiers
More results

Similar Description - AD202K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
Low Cost, Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A100EHI MPD-A100EHI Datasheet
181Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
Precision Miniature Isolation Amplifiers
logo
Analog Devices
AD202 AD-AD202_15 Datasheet
934Kb / 12P
Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
Precision Miniature Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com