Electronic Components Datasheet Search
  English  ▼

X  

M62364 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # M62364
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M62364 Datasheet(HTML) 6 Page - Unisonic Technologies

  M62364 Datasheet HTML 1Page - Unisonic Technologies M62364 Datasheet HTML 2Page - Unisonic Technologies M62364 Datasheet HTML 3Page - Unisonic Technologies M62364 Datasheet HTML 4Page - Unisonic Technologies M62364 Datasheet HTML 5Page - Unisonic Technologies M62364 Datasheet HTML 6Page - Unisonic Technologies M62364 Datasheet HTML 7Page - Unisonic Technologies M62364 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UTCM62364
CMOSIC
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R502-008,A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
MEASUREMENT CONDITION
VALUE
UNIT
Supply Voltage
VDD
-0.3 ~ +7.0
V
Digital Input Voltage
VIND
-0.3 ~ +7.0
V
Analog Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Analog Output Voltage
VOUT
-0.3 ~ VDD+0.3
V
D-A Reference Voltage
VDAref
-0.3 ~ VDD+0.3
V
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS
<Ana/Dig Common Part>(VDD=5V±10%,VDD≥ VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
LIMIT
PARAMETER
SYMBOL
MEASUREMENT CONDUCTION
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.7
3.0
3.6
V
Supply Current
IDD
CLK=1MHz,Vcc=3V,IAO=0
μ A
3.5
mA
<Digital Part>(VDD=5V±10%,VDD≥ VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
LIMIT
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Input Leak Current
IILK
VIN=0 ~VDD
-10
10
μ A
Digital Input “Low” Voltage
IIL
0.2 VDD
V
Digital Input “High” Voltage
IIH
0.8VDD
V
Do Terminal Output “Low” Voltage
VOL
IOL=2.5mA
0.4
V
Do Terminal Output “High” Voltage
VOH
IOH=-400
μ A
VDD-0.4
V
<Analog Part>(VDD=5V±10%,VDD≥ VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
LIMIT
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Input Current
IIN
VIN=3V,VDAref=0V,
*Proportional to max.
input current
condition(VIN-VDAref) and
digital data of each channels.
0.18
mA
D-A Reference Input Current
IDAref
VIN=3V,VDAref=0V,
*Proportional to max.
input current
condition(VIN-VDAref) and
digital data of each channels
-1.44
mA
Resolution
RES
8
bit
Differential Nonlinearity
DNL
-1
1
LSB
Nonlinearity
NL
VDD=2.61V,VDAref=0.050V
(10mV/1LSB)
Without Load(IAO=±0)
-1.5
1.5
LSB
IAO=±100
μ A
0.1
Vcc-0.1
Buffer Amplifier Output Voltage
Range
VAO
IAO=±500
μ A
0.2
Vcc-0.2
V
Buffer Amplifier Output Current
Range
IAO
Upper Saturation Voltage=0.4V
Lower Saturation Voltage=0.4V
-1
1
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com