Electronic Components Datasheet Search
  English  ▼

X  

M62364 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # M62364
Description  8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M62364 Datasheet(HTML) 7 Page - Unisonic Technologies

  M62364 Datasheet HTML 1Page - Unisonic Technologies M62364 Datasheet HTML 2Page - Unisonic Technologies M62364 Datasheet HTML 3Page - Unisonic Technologies M62364 Datasheet HTML 4Page - Unisonic Technologies M62364 Datasheet HTML 5Page - Unisonic Technologies M62364 Datasheet HTML 6Page - Unisonic Technologies M62364 Datasheet HTML 7Page - Unisonic Technologies M62364 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UTCM62364
CMOSIC
UTC UNISONIC TECHNOLOGIES CO., LTD.
7
QW-R502-008,A
LIMIT
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
utput Capacitative Load
Co
0.1
μ F
Buffer Amplifier Output
Impedance
Ro
5
Ω
<AC Characteristics>(VDD=5V±10%,VDD≥ VIN,GND,VDAref=0V,Ta=-20~85°C unless otherwise noted)
LIMIT
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Clock “L” Pulse Width
tCKL
200
ns
Clock “H” Pulse Width
tCKH
200
ns
Clock Rise Time
tCR
Clock Fall Time
tCF
200
ns
Data Set Up Time
tDCH
60
ns
Data Hold Time
tCHD
100
ns
LD Set Up Time
tCHL
200
ns
LD Hold Time
tLDC
100
ns
LD “H” Pulse Duration Time
tLDH
100
ns
Data Output Delay Time
tDo
CL=100pF
70
350
ns
D-A Output Setting Time
tLDD
CL≤ 100pF,VAO:0.1<=>2.6V
This Time Until The Output Becomes
The final Value Of 1/2 LSB
300
μ s
TIMING CHART
CLK
DI
LD
D-A OUTPUT
Do OUTPUT
tDo
tLDD
tLDH
tLDC
tCHL
tDCH
tCHD
tCKL
tCR
tCKH
tCF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com