Electronic Components Datasheet Search
  English  ▼

X  

0AMA Datasheet(PDF) 13 Page - Zarlink Semiconductor Inc

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

0AMA Datasheet(HTML) 13 Page - Zarlink Semiconductor Inc

Back Button 0AMA Datasheet HTML 9Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 10Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 11Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 12Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 13Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 14Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 15Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 16Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 17Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PDSP16510A MA
13
the minimum allowable sampling period must be increased to
allow for the extra dumping time. Thus when DIS and DOS
have equal periods and, for example, there is no overlapping;
(n - 4)S must be greater than or equal to PK
The maximum sampling rates given in Table 5 allow for the
extra dumping time.
The load and dump operations are not concurrent with
transforms in the 1024 point modes, and an external input
buffer will be needed if loss of incoming data is to be avoided.
This is loaded at the sampling rate and then data is transferred
to the PDSP16510 at a user defined rate. The time taken to
load this external buffer must be at least equal to the sum of
the time to transfer data in and out of the FFT processor and
the transform time itself. When data blocks are overlapped by
50% or 75%, no more than one half or one quarter of the block,
respectively, must have been loaded in the same time. In the
1024 point modes the dump time can be any user defined
value, and need not be increased to allow for block overlap-
ping. The dump time, however , does directly
effect the
maximum sampling rates which can be accommodated with-
out loss of incoming data.
The maximum sampling rates for 1024 point transforms
at any load and dump rate can be calculated from the following
relationship:
1024S or 512S or 256S > 1024B + PK + D
for 0%, 50%, or 75% overlapping respectively. S, P, and K
were defined opposite. B is the clock period in which data is
read from the input buffer and loaded into the device, D is the
total dump time allowing for the four extra DOS periods. The
periods of the load and dump clocks cannot be less than the
system clock period. The maximum sampling rates given in
Table 5 assume that a 40 MHz I/O rate is used, and that all
results are dumped.
MULTIPLE DEVICE SYSTEMS
In real time applications several devices may be used in
parallel in order to increase the sampling rate, but not to
increase the transform size. When all outputs are commoned
together, and feed a single output processor, then the data
dump time must always be less than or equal to the time taken
to load the data block ( or 50% or 25% of the time with block
overlapping ). In most configurations with block overlapping
the dump rate requirements will limit the maximum input rate,
if only one output processor is provided. This can be avoided
if the system provides separate output processors for every
device. The system clock used for internal calculations then
ultimately imposes a limit on the maximum sampling rate
possible.
A multiple device system performing complex transforms
with a single output processor is shown in Figure 9. The INEN/
LFLG signals are used to co-ordinate the segmentation of
data between devices. The in-active going edge of LFLG
instigates the load procedure in the next device, and, since
this edge can be programmed to occur either 25%, 50%, or
100% through the load operation, it can cause the next device
to commence loading before the previous one has finished. In
this manner data block overlapping is achieved. When mul-
SINGLE DEVICE SAMPLING RATES
In a single device system the maximum sampling rate is
dependent on the transform size, the data overlap, and
whether real or complex data is applied. Table 4 gives the
times taken to complete the transforms for the various block
sizes, which include an allowance for synchronisation be-
tween the DIS strobe and the system clock. If continuous data
is to be transformed, the time to acquire a new block of data
(or partial block with overlapping) must be at least equal to
these transform times. Load and dump times must also be
added in the 1024 modes. For non continuous transforms the
peak rate is limited by the system clock rate and the factor , F,
given previously.
The time taken to dump the transformed data must be no
more than the load time, if continuous inputs are to be
supported and I/O operations are concurrent with transforms.
With block overlapping the dump time must be reduced to the
time taken to load the partial block. This dump time must
include four extra DOS strobes needed to prime the output
circuitry when a transform is complete. These, in effect, can be
added to the transform time such that with concurrent I/O and
0%, 50%, or 75% overlapping;
nS or nS or nS must be greater than or equal to PK + 4W
2
4
where n is the transform size, S is the input DIS period, P is
the number of clock periods given in Table 4, K is the system
clock period, and W is the DOS period which can be less than
S if necessary.
When DIS and DOS are produced from a common source
Figure 9. Multiple Device Configuration
REAL
O/P
S
PDSP16510
IMAG
REAL
O/P
S
PDSP16510
IMAG
REAL
O/P
S
PDSP16510
IMAG
Complex Data
Input
Configuration
Parameters
Power on
Reset
Output
Clock
PDSP16330
CLK
PHASE
MAG'
SCALE
TAG
DATA
AVAIL'
INPUT CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com