Electronic Components Datasheet Search
  English  ▼

X  

0AMA Datasheet(PDF) 21 Page - Zarlink Semiconductor Inc

Part # 0AMA
Description  Stand Alone FFT Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

0AMA Datasheet(HTML) 21 Page - Zarlink Semiconductor Inc

Back Button 0AMA Datasheet HTML 16Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 17Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 18Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 19Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 20Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 21Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 22Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 23Page - Zarlink Semiconductor Inc 0AMA Datasheet HTML 24Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PDSP16510A MA
21
Pin No.
GC
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
Pin No.
GC
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
Con.
V1
0V
N/C
N/C
N/C
N/C
V1
N/C
0V
N/C
V1
N/C
0V
N/C
V1
N/C
0V
V1
0V
0V
0V
0V
0V
V1
0V
0V
0V
V1
0V
0V
0V
0V
0V
Con.
V1
0V
V1
0V
0V
0V
0V
0V
V1
0V
0V
0V
V1
V1
0V
0V
N/C
0V
V1
V1
0V
0V
V1
V1
V1
V1
0V
V1
V1
V1
V1
V1
V1
Con.
V1
V1
V1
V1
0V
V1
V1
0V
V1
V1
V1
0V
V1
V1
V1
N/C
0V
N/C
0V
N/C
V1
N/C
0V
N/C
V1
N/C
0V
N/C
N/C
N/C
N/C
0V
V1
Pin No.
GC
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
Con.
N/C
V1
N/C
N/C
N/C
N/C
0V
N/C
N/C
0V
N/C
0V
N/C
0V
V1
V1
V1
N/C
0V
N/C
0V
V1
N/C
N/C
0V
N/C
N/C
N/C
0V
V1
N/C
N/C
V1
Pin No.
GC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
Part No:
PDSP16510A MA Stand Alone FFT Processor
Package Type:
GC132
VDD max = +5.5V = V1
N/C = not connected
Fig.12(a) Life Test/Burn-in connections for GC132 package
NOTE: PDA is 5% and based on groups 1 and 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com