Electronic Components Datasheet Search
  English  ▼

X  

1751332 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1751332
Description  MKDS 1/11-3,5 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751332 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1751332 Datasheet HTML 1Page - PHOENIX CONTACT 1751332 Datasheet HTML 2Page - PHOENIX CONTACT 1751332 Datasheet HTML 3Page - PHOENIX CONTACT 1751332 Datasheet HTML 4Page - PHOENIX CONTACT 1751332 Datasheet HTML 5Page - PHOENIX CONTACT 1751332 Datasheet HTML 6Page - PHOENIX CONTACT 1751332 Datasheet HTML 7Page - PHOENIX CONTACT 1751332 Datasheet HTML 8Page - PHOENIX CONTACT 1751332 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
Drive form screw head
Slotted (L)
Connection method
Screw connection with tension sleeve
Drive form screw head
Slotted (L)
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (5 - 7 µm Sn)
Metal surface terminal point (middle layer)
Nickel (2 - 3 µm Ni)
Metal surface soldering area (top layer)
Tin (5 - 7 µm Sn)
Metal surface soldering area (middle layer)
Nickel (2 - 3 µm Ni)
Material data - housing
Color (Housing)
green (6021)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Notes
Note on application
For safe conductor connection, always adhere to a defined
tightening torque. Particularly in the case of PCB terminal blocks
with two or three positions, the individual solder pin for each
contact point cannot compensate for this. That is why the
terminal blocks must be supported during conductor connection
(held with one hand, support on the housing).
Dimensions
Dimensional drawing
Pitch
3.5 mm
MKDS 1/11-3,5 - PCB terminal block
1751332
https://www.phoenixcontact.com/us/products/1751332
Jun 14, 2023, 5:11 AM
Page 3 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com