Electronic Components Datasheet Search
  English  ▼

X  

1751332 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1751332
Description  MKDS 1/11-3,5 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751332 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 1751332 Datasheet HTML 4Page - PHOENIX CONTACT 1751332 Datasheet HTML 5Page - PHOENIX CONTACT 1751332 Datasheet HTML 6Page - PHOENIX CONTACT 1751332 Datasheet HTML 7Page - PHOENIX CONTACT 1751332 Datasheet HTML 8Page - PHOENIX CONTACT 1751332 Datasheet HTML 9Page - PHOENIX CONTACT 1751332 Datasheet HTML 10Page - PHOENIX CONTACT 1751332 Datasheet HTML 11Page - PHOENIX CONTACT 1751332 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Approvals
EAC
Approval ID: B.01687
cULus Recognized
Approval ID: E60425-19770427
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
Use group B
Only flexible
conductors
300 V
13.5 A
30 - 16
-
Standard
300 V
10 A
30 - 16
-
Use group D
Only flexible
conductors
150 V
13.5 A
30 - 16
-
Standard
300 V
10 A
30 - 16
-
IECEE CB Scheme
Approval ID: DE1-66542
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
200 V
13.5 A
-
0.2 - 1.5
VDE Zeichengenehmigung
Approval ID: 40055394
Nominal Voltage UN
Nominal Current IN
Cross Section AWG
Cross Section mm2
200 V
17.5 A
-
0.2 - 1.5
MKDS 1/11-3,5 - PCB terminal block
1751332
https://www.phoenixcontact.com/us/products/1751332
Jun 14, 2023, 5:11 AM
Page 8 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com