Electronic Components Datasheet Search
  English  ▼

X  

1751374 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751374
Description  MKDS 1/15-3,5 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751374 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751374 Datasheet HTML 1Page - PHOENIX CONTACT 1751374 Datasheet HTML 2Page - PHOENIX CONTACT 1751374 Datasheet HTML 3Page - PHOENIX CONTACT 1751374 Datasheet HTML 4Page - PHOENIX CONTACT 1751374 Datasheet HTML 5Page - PHOENIX CONTACT 1751374 Datasheet HTML 6Page - PHOENIX CONTACT 1751374 Datasheet HTML 7Page - PHOENIX CONTACT 1751374 Datasheet HTML 8Page - PHOENIX CONTACT 1751374 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 200 V, nominal cross section:
1.5 mm2, number of potentials: 15, number of rows: 1, number of positions per row: 15, product
range: MKDS 1, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Extremely small design for the respective conductor cross section
•
Commercial Data
Item number
1751374
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
AA12
Product Key
AALFFB
Catalog Page
Page 85 (C-1-2013)
GTIN
4017918103934
Weight per Piece (including packing)
7.6 g
Weight per Piece (excluding packing)
7.053 g
Customs tariff number
85369010
Country of origin
DE
MKDS 1/15-3,5 - PCB terminal block
1751374
https://www.phoenixcontact.com/us/products/1751374
Jun 14, 2023, 5:17 AM
Page 1 (12)


Similar Part No. - 1751374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751303 PHOENIX-1751303 Datasheet
141Kb / 5P
MKDS 1/ 8-3,5
logo
List of Unclassifed Man...
1751310B1 ETC2-1751310B1 Datasheet
61Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1751316 PHOENIX-1751316 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 9-3,5
1751329 PHOENIX-1751329 Datasheet
142Kb / 5P
MKDS 1/10-3,5
logo
Tyco Electronics
175133 MACOM-175133 Datasheet
662Kb / 6P
AMP CT Connector Series
More results

Similar Description - 1751374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716933 PHOENIX-1716933 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/ 2-3,5 BK H0L
1751293 PHOENIX-1751293 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 7-3,5
1751316 PHOENIX-1751316 Datasheet
85Kb / 6P
PCB terminal block - MKDS 1/ 9-3,5
1751345 PHOENIX-1751345 Datasheet
94Kb / 6P
PCB terminal block - MKDS 1/12-3,5
1751361 PHOENIX-1751361 Datasheet
130Kb / 6P
PCB terminal block - MKDS 1/14-3,5
1751387 PHOENIX-1751387 Datasheet
90Kb / 6P
PCB terminal block - MKDS 1/16-3,5
1800035 PHOENIX-1800035 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1/16-3,5 BK
1985807 PHOENIX-1985807 Datasheet
345Kb / 9P
PCB terminal block - MKDS 1/ 2-3,5 HT BK
Sep 8, 2022
1984950 PHOENIX-1984950 Datasheet
348Kb / 9P
PCB terminal block - MKDS 1/ 3-3,5 HT BK
Dec 30, 2022
1751332 PHOENIX-1751332 Datasheet
469Kb / 12P
MKDS 1/11-3,5 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com