Electronic Components Datasheet Search
  English  ▼

X  

1751374 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1751374
Description  MKDS 1/15-3,5 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751374 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1751374 Datasheet HTML 1Page - PHOENIX CONTACT 1751374 Datasheet HTML 2Page - PHOENIX CONTACT 1751374 Datasheet HTML 3Page - PHOENIX CONTACT 1751374 Datasheet HTML 4Page - PHOENIX CONTACT 1751374 Datasheet HTML 5Page - PHOENIX CONTACT 1751374 Datasheet HTML 6Page - PHOENIX CONTACT 1751374 Datasheet HTML 7Page - PHOENIX CONTACT 1751374 Datasheet HTML 8Page - PHOENIX CONTACT 1751374 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Data
Product properties
Type
PC termination block
Product line
COMBICON Terminals S
Product type
Printed circuit board terminal
Product family
MKDS 1
Number of positions
15
Pitch
3.5 mm
Number of connections
15
Number of rows
1
Number of potentials
15
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Nominal current IN
13.5 A
Nominal voltage UN
200 V
Degree of pollution
3
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
200 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
400 V
Rated surge voltage (II/2)
2.5 kV
Connection data
Connection technology
Type
PC termination block
Nominal cross section
1.5 mm²
Conductor connection
Connection method
Screw connection with tension sleeve
Conductor cross section rigid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
Conductor cross section AWG
26 ... 16
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 0.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 0.5 mm²
2 conductors with same cross section, solid
0.14 mm² ... 0.5 mm²
2 conductors with same cross section, flexible
0.14 mm² ... 0.34 mm²
Stripping length
5 mm
Tightening torque
0.22 Nm ... 0.25 Nm
MKDS 1/15-3,5 - PCB terminal block
1751374
https://www.phoenixcontact.com/us/products/1751374
Jun 14, 2023, 5:17 AM
Page 2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com