Electronic Components Datasheet Search
  English  ▼

X  

2SB688 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB688
Description  HIGH POWER AMPLIFIER APPLICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB688 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB688 Datasheet HTML 1Page - Unisonic Technologies 2SB688 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2SB688
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com
QW-R214-007,A
HIGH POWER AMPLIFIER APPLICATION
FEATURES
* Complementary to 2SD718.
* Recommended for 45 ~ 50W Audio Frequency Amplifier
Output Stage.
TO-3P
1
1: BASE 2: COLLECTOR 3: EMITTER
*Pb-free plating product number: 2SB688L
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter Base Voltage
VEBO
-5
V
Collector Current
IC
-10
A
Base Current
IB
-1
A
Collector Power Dissipation (TC=25℃)
PC
80
W
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICBO
VCB = -120V, IE = 0
-10
µA
Emitter Cut-off Current
IEBO
VEB = -5V, IC = 0
-10
µA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -50mA, IB= 0
-120
V
DC Current Gain
hFE
VCE = -5V, IC = -1A
55
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -5A, IB = -0.5A
-2.5
V
Base-Emitter Voltage
VBE
VCE = -5A, IC= -5A
-1.5
V
Transition Frequency
fT
VCE = -5A, IC= -1A
10
MHz
Collector Output Capacitance
Cob
VCB = -10V, IE = 0, f=1MHz
280
pF
CLASSIFICATION OF hFE
RANK
R
O
RANGE
55 ~ 110
80 ~ 160


Similar Part No. - 2SB688

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SB688 WINGS-2SB688 Datasheet
25Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
2SB688 SAVANTIC-2SB688 Datasheet
175Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB688 JMNIC-2SB688 Datasheet
213Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB688 ISC-2SB688 Datasheet
313Kb / 3P
isc Silicon PNP Power Transistor
More results

Similar Description - 2SB688

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497 Datasheet
149Kb / 3P
High Power Amplifier Application
16-Jul-2003
logo
Unisonic Technologies
2SD718 UTC-2SD718 Datasheet
108Kb / 3P
HIGH POWER AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
2SJ200 TOSHIBA-2SJ200_07 Datasheet
426Kb / 5P
High Power Amplifier Application
2SK1530 TOSHIBA-2SK1530_09 Datasheet
388Kb / 4P
High-Power Amplifier Application
2SK3497 TOSHIBA-2SK3497_09 Datasheet
157Kb / 5P
High Power Amplifier Application
2SJ201-Y TOSHIBA-2SJ201-Y Datasheet
269Kb / 5P
High-Power Amplifier Application
2SK1530O TOSHIBA-2SK1530O Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530-Y TOSHIBA-2SK1530-Y Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530Y TOSHIBA-2SK1530Y Datasheet
372Kb / 4P
High-Power Amplifier Application
2SK1530-YF TOSHIBA-2SK1530-YF Datasheet
372Kb / 4P
High-Power Amplifier Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com