Electronic Components Datasheet Search
  English  ▼

X  

RL201G Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # RL201G
Description  RL201G THRU RL207G GLASS PASSIVATED SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RL201G Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  RL201G Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RL201G Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RL201G Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RL201G Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0558, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
RL201G-RL207G
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions DO-15
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
25.4
-
1.000
-
B
5.5
7.62
0.217
0.300
C
0.7
0.9
0.028
0.034
D
2.6
3.6
0.104
0.140
Ordering Information
Marking Diagram
Device
Package
Shipping
RL201G-RL207G
DO-15
3000pcs /tape
RL201GTA-RL207GTA
DO-15
3000pcs /tape
Carrier Tape Specification DO-15
SYMBOL
Millimeters
Min.
Max.
A
4.50
5.50
B
50.9
53.9
Z
-
1.20
T
5.60
6.40
E
-
0.80
IL1-L2I
-
1.0
Where XXXXX is YYWWL
RL201G
= Type Number
HF
= Halogen Free
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
RL201G
RL201G-HF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com