Electronic Components Datasheet Search
  English  ▼

X  

RL201G Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # RL201G
Description  RL201G THRU RL207G GLASS PASSIVATED SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

RL201G Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  RL201G Datasheet HTML 1Page - SMC Diode Solutions Co. LTD RL201G Datasheet HTML 2Page - SMC Diode Solutions Co. LTD RL201G Datasheet HTML 3Page - SMC Diode Solutions Co. LTD RL201G Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0558, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
RL201G-RL207G
RL201G THRU RL207G
GLASS PASSIVATED SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length, P.C.B. mounted
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
RL
201G
RL
202G
RL
203G
RL
204G
RL
205G
RL
206G
RL
207G Units
Maximum repetitive peak reverse voltage
Maximum DC blocking voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum average forward rectified current
0.375”(9.5mm) lead length
@TA = 75°C
I(AV)
2.0
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC
Method)
IFSM
70.0
A
Maximum instantaneous forward voltage
at 2.0A
VF
1.1
V
Maximum DC reverse current
@TA = 25°C
at rated DC blocking voltage @TA = 100°C
IR
5.0
50.0
µA
Typical Junction Capacitance (Note 1)
CJ
20.0
pF
Typical Thermal Resistance (Note 2)
RθJA
50.0
°C/W
Operating and Storage Temperature Range
TJ
,
TSTG
-65 to +175
°C
Case: JEDEC DO-15 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.014 ounce, 0.40 grams
DO-15
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed: 260°C/10 seconds,
0.375”(9.5mm) lead length, 5 lbs. (2.3kg)
tension
This is a Pb − Free Device
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - RL201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL201G RECTRON-RL201G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Shanghai Lunsure Electr...
RL201G CHENYI-RL201G Datasheet
141Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Dc Components
RL201G DCCOM-RL201G Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results

Similar Description - RL201G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
logo
SMC Diode Solutions Co....
DF151 SMCDIODE-DF151 Datasheet
303Kb / 5P
DF151 THRU DF157 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Rev. A
logo
RFE international
RL201G RFE-RL201G Datasheet
2Mb / 3P
General Purpose Rectifier RL201G Through RL207G
13-06-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com