Electronic Components Datasheet Search
  English  ▼

X  

S1AB Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # S1AB
Description  S1AB THRU S1MB 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S1AB Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  S1AB Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S1AB Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S1AB Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S1AB Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0560, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
S1AB-S1MB
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMB
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.30
3.94
0.130
0.155
B
4.06
4.70
0.160
0.185
C
1.80
2.20
0.071
0.087
D
0.152
0.305
0.006
0.012
E
4.80
5.59
0.189
0.220
F
2.10
2.60
0.083
0.102
G
0.051
0.203
0.002
0.008
H
0.76
1.52
0.030
0.060
Ordering Information
Marking Diagram
Device
Package
Shipping
S1AB-S1MB
SMB(Pb-Free)
3000pcs / reel
Carrier Tape Specification SMB
SYMBOL
Millimeters
Min.
Max.
A
3.99
4.19
B
5.72
5.92
C
3.23
3.43
d
1.40
1.60
E
1.40
1.60
F
5.60
5.70
P
7.90
8.10
P0
3.90
4.10
P1
1.90
2.10
T
-
0.60
W
11.80
12.20
Where XXXXX is YYWWL
S1AB
= Type Number
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com