Electronic Components Datasheet Search
  English  ▼

X  

S1AB Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # S1AB
Description  S1AB THRU S1MB 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S1AB Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  S1AB Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S1AB Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S1AB Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S1AB Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0560, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
S1AB-S1MB
S1AB THRU S1MB
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Type Number
Symbol S1AB S1BB S1DB S1GB S1JB S1KB S1MB Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL= 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@ IF = 1.0 A
VF
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
200
μA
Reverse Recovery Time(Note1)
trr
2.5
μS
Typical Junction Capacitance(Note2)
CJ
15
pF
Typical Thermal Resistance Junction
to Lead (Note 3)
RθJL
30
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Note: 1. Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Mounted on P.C.B.with 8.0mm² land areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SMB molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.09 grams
SMB
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built-in Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request


Similar Part No. - S1AB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S1AB SSE-S1AB Datasheet
18Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1AB DIODES-S1AB Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
Weitron Technology
S1AB WEITRON-S1AB Datasheet
116Kb / 3P
Surface Mount Standard Recovery Glass Passivated
logo
Diodes Incorporated
S1AB DIODES-S1AB Datasheet
99Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 16 - 2
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB Datasheet
54Kb / 2P
1.0 AMP. Surface Mount Rectifiers
More results

Similar Description - S1AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Diodes Incorporated
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
Johanson Technology Inc...
S1B13F JOHANSON-S1B13F Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
SMC Diode Solutions Co....
S1A SMCDIODE-S1A Datasheet
303Kb / 4P
S1A THRU S1M 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com