Electronic Components Datasheet Search
  English  ▼

X  

2SC5765 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC5765
Description  MEDIUM POWER AMPLIFIER STROBO FLASH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5765 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC5765 Datasheet HTML 1Page - Unisonic Technologies 2SC5765 Datasheet HTML 2Page - Unisonic Technologies 2SC5765 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SC5765
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R216-002,B
ELECTRICAL CHARACTERISTICS CURVES
0.01
0.1
1
Collector Emitter Voltage VCE(V)
10
100
0.01
0.1
1
100
10
Ic max
(Continous)
Safe Operating Area
0.01
0.001
0.01
0.1
1
10
1
Common Emitter
Ic/IB=50
0.1
Ta= -25℃
Ta= 25℃
Ta=100℃
0.5
Ic-VCE
0
4
5
Collector Emitter Voltage VCE(V)
1.0
1
1.5
0
2.0
2
3
IB=0mA
1
2
4
6
8
10
20
30
60
Common Emitter
Ta= 25℃
VCE(sat)-Ic
Collector Current Ic (A)
0.01
10
100
1000
1
10
10000
Common Emitter
VCE=1.5V
0.1
Ta= -25℃
Ta= 25℃
Ta=100℃
hFE-Ic
Collector Current Ic (A)
0
0.2
3.0
0.4
2.0
0
4.0
5.0
Base Emitter Voltage VBE(V)
0.6
1.0
0.8
1.2
1.0
1.4
Common Emitter
VCE=1.5V
Ic-VBE
Ta= -25℃
Ta= 25℃
Ta=100℃
*Single nonrepetitive
pulse
Ta= 25℃
Curves must be derated linearly
with increase in temperature
when a device is mounted
on a Glass epoxy board
(35mm*30mm*1mm)
Ic max(Pulsed)
1ms*
t=100ms*
DC Operation
VCEO max
400
Pc-Ta
0
0
600
Ambient Temperature Ta
50
100
(℃)
150
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com