Electronic Components Datasheet Search
  English  ▼

X  

2SC5765 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC5765
Description  MEDIUM POWER AMPLIFIER STROBO FLASH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC5765 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC5765 Datasheet HTML 1Page - Unisonic Technologies 2SC5765 Datasheet HTML 2Page - Unisonic Technologies 2SC5765 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SC5765
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R216-002,B
MEDIUM POWER AMPLIFIER
STROBO FLASH
DESCRIPTION
* medium power amplifier applications
*
strobo flash applications
FEATURES
*Low Saturation Voltage: VCE(sat) = 0.27 V (max.),
(Ic = 3A / IB =60 mA)
TO-92SP
1
1.EMITTER 2.COLLECTOR 3.BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
10
V
Emitter-Base Voltage
VEBO
7
V
5(DC)
A
Collector Current
Ic
9(PLUSED)
A
Collector Power Dissipation
Pc(Note 1)
550
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
Note 1: When a device is mounted on a glass epoxy board (35 mm*30 mm*1mm)
ELECTRICAL CHARACTERISTICS (Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC =1mA, IB= 0
10
V
Collector Cut-Off Current
ICBO
VCB=15V, IE= 0
0.1
μ
A
Emitter Cut-Off Current
IEBO
VEB= 5V, Ic=0
0.1
μ
A
hFE 1 (Note 2)
VCE=1.5V,Ic=0.5A
450
700
hFE2 (Note 2)
VCE=1.5V,Ic=2A
320
DC Current Gain
hFE3 (Note 2)
VCE=1.5V,Ic=5A
170
Collector-Emitter Saturation Voltage
VCE(sat) (note 2) Ic=3A,IB=60mA
0.27
V
Collector Output Capacitance
Cob
VCB=10V, IE= 0, f=1MHz
25
pF
Note 2: Pulse test


Similar Part No. - 2SC5765

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5765 TOSHIBA-2SC5765 Datasheet
106Kb / 4P
MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
logo
Unisonic Technologies
2SC5765G-T9S-K UTC-2SC5765G-T9S-K Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
2SC5765L-T9S-K UTC-2SC5765L-T9S-K Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
2SC5765 UTC-2SC5765_15 Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
More results

Similar Description - 2SC5765

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300 Datasheet
153Kb / 2P
TRANSISTOR (STROBO FLASH MEDIUM POWER AMPLIFIER APPLICATIONS)
10-Apr-1997
2SA1430 TOSHIBA-2SA1430 Datasheet
157Kb / 2P
STOROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
01-Sep-1997
logo
Fairchild Semiconductor
KSA1242 FAIRCHILD-KSA1242 Datasheet
40Kb / 4P
Medium Power Amplifier Camera Flash Applications
KSC2982 FAIRCHILD-KSC2982 Datasheet
65Kb / 4P
Strobe Flash & Medium Power Amplifier
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3671 TOSHIBA-2SC3671_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
logo
Unisonic Technologies
2SC5765 UTC-2SC5765_15 Datasheet
188Kb / 4P
MEDIUM POWER AMPLIFIER STROBO FLASH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com