Electronic Components Datasheet Search
  English  ▼

X  

LM317M Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM317M
Description  3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317M Datasheet(HTML) 3 Page - Unisonic Technologies

  LM317M Datasheet HTML 1Page - Unisonic Technologies LM317M Datasheet HTML 2Page - Unisonic Technologies LM317M Datasheet HTML 3Page - Unisonic Technologies LM317M Datasheet HTML 4Page - Unisonic Technologies LM317M Datasheet HTML 5Page - Unisonic Technologies LM317M Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LM317M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R101-014,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input-Output Voltage Differential
VIN-VOUT
40
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
℃
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=0.1A, 0℃≤TJ≤+125℃, PD(MAX)=7.5W, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ta=+25 , 3V
℃
≤VIN-VOUT≤40V
0.01
0.04
%/V
Line Regulation
∆VOUT
3V≤VIN-VOUT≤40V
0.02
0.07
Ta=+25
°C, 10mA≤VIN-VOUT≤0.5A
VOUT≤5V
VOUT≥5V
5
0.1
25
0.5
mV
%/Vo
Load Regulation
∆VOUT
10mA≤IOUT≤0.5A
VOUT≤5V
VOUT≥5V
20
0.3
70
1.5
mV
%/Vo
Adjustment Pin Current
IADJ
50
100
µA
Adjustment
Pin
Current
Change
I
△ ADJ
3V≤VIN-VOUT≤40V
10mA≤IOUT≤0.5A, PD<PD(MAX)
0.2
5
µA
Reference Voltage
VREF
3V≤VIN-VOUT≤40V
10mA≤IOUT≤0.5A, PD<PD(MAX)
1.20
1.25
1.30
V
Temperature Stability
STT
0.7
%/Vo
Minimum
Load
Current
to
Maintain Regulation
IL(MIN)
VIN-VOUT=40V
3.5
10
mA
VIN-VOUT≤15V, PD<PD(MAX)
0.5
0.9
Maximum Output Current
IO(MAX) VIN-VOUT=40V
PD<PD(MAX), Ta=+25℃
0.15
0.25
A
RMS Noise, % of VOUT
eN
Ta=+25℃, 10Hz<f<10KHz
0.003
%/Vo
Ripple Rejection
RR
VOUT=10V, f=120Hz
Without CADJ
CADJ=10µF
66
65
80
V/µs
Long-Term Stability
ST
TJ=+125℃, 1000Hours
0.3
1
%/1000Hrs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com