Electronic Components Datasheet Search
  English  ▼

X  

LM317M Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LM317M
Description  3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317M Datasheet(HTML) 6 Page - Unisonic Technologies

  LM317M Datasheet HTML 1Page - Unisonic Technologies LM317M Datasheet HTML 2Page - Unisonic Technologies LM317M Datasheet HTML 3Page - Unisonic Technologies LM317M Datasheet HTML 4Page - Unisonic Technologies LM317M Datasheet HTML 5Page - Unisonic Technologies LM317M Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LM317M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R101-014,B
TYPICAL CHARACTERISTICS(Cont.)
5.06
5.07
5.09
5.10
5.04
5.03
5.02
5.01
-25
0
25
75
100
125
50
Ambient Temperature, Ta (℃)
5.08
5.00
Outputvoltage vs.Temperature
VIN-VOUT=40V
VIN-VOUT=3V
1.00
1.25
1.50
0.75
0
20
50
100
125
150
175
75
Ambient Temperature, Ta (℃)
Thermal Shutdown
VOUT=5V, IOUT=5mA
VIN=5V,VOUT=1.25V,IOUT=0mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com