Electronic Components Datasheet Search
  English  ▼

X  

MM1538 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MM1538
Description  4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MM1538 Datasheet(HTML) 2 Page - Unisonic Technologies

  MM1538 Datasheet HTML 1Page - Unisonic Technologies MM1538 Datasheet HTML 2Page - Unisonic Technologies MM1538 Datasheet HTML 3Page - Unisonic Technologies MM1538 Datasheet HTML 4Page - Unisonic Technologies MM1538 Datasheet HTML 5Page - Unisonic Technologies MM1538 Datasheet HTML 6Page - Unisonic Technologies MM1538 Datasheet HTML 7Page - Unisonic Technologies MM1538 Datasheet HTML 8Page - Unisonic Technologies MM1538 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
UTCMM1538
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R109-009,A
PIN DESCRIPTION
PIN
NO.
PIN NAME INPUT/OUTPUT
FUNCTION
INTERMAL EQUIVALENT CIRCUIT
1
BSEN
Input
Battery Voltage Monitor
1
71kΩ
20 kΩ
10.5kΩ
14.85kΩ
16.5kΩ
2
BATT
Input
Battery Power Supply Input
Power Supply
3
RESET
Output
Reset Detect Output
3
VSYS1
90kΩ
4
DEAD
Input
DEAD Time Setting
4
49k
Ω
30.8k
Ω
13k
Ω
5
SW
Output
Transistor Drive For
Voltage Multiplier
150
Ω
6k
Ω
BATT
5
6
EO
Output
Error Amplifier Output
VSYS1
6
7
EI
Input
Error Amplifier Input
7
VSYS1
35kΩ
21.6kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com