Electronic Components Datasheet Search
  English  ▼

X  

MM1538 Datasheet(PDF) 21 Page - Unisonic Technologies

Part # MM1538
Description  4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MM1538 Datasheet(HTML) 21 Page - Unisonic Technologies

Back Button MM1538 Datasheet HTML 13Page - Unisonic Technologies MM1538 Datasheet HTML 14Page - Unisonic Technologies MM1538 Datasheet HTML 15Page - Unisonic Technologies MM1538 Datasheet HTML 16Page - Unisonic Technologies MM1538 Datasheet HTML 17Page - Unisonic Technologies MM1538 Datasheet HTML 18Page - Unisonic Technologies MM1538 Datasheet HTML 19Page - Unisonic Technologies MM1538 Datasheet HTML 20Page - Unisonic Technologies MM1538 Datasheet HTML 21Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
UTCMM1538
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
21
QW-R109-009,A
Resete Pin Voltage
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta=normal temperature
BATT=2.4V
Control Circuit Power Supply voltage:VSYS1(V)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com